Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15143 Datasheet(PDF) 1 Page - Linear Technology

Part # 15143
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

15143 Datasheet(HTML) 1 Page - Linear Technology

  15143 Datasheet HTML 1Page - Linear Technology 15143 Datasheet HTML 2Page - Linear Technology 15143 Datasheet HTML 3Page - Linear Technology 15143 Datasheet HTML 4Page - Linear Technology 15143 Datasheet HTML 5Page - Linear Technology 15143 Datasheet HTML 6Page - Linear Technology 15143 Datasheet HTML 7Page - Linear Technology 15143 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1514-3.3/LTC1514-5
Step-Up/Step-Down Switched
Capacitor DC/DC Converters
with Low-Battery Comparator
s
3.3V or 5V Output Voltages
s
2V to 10V Input Voltage Range
s
Up to 50mA Output Current
s
Only Three External Capacitors Required
s
Soft Start Limits Inrush Current at Turn-On
s
Low Operating Current: 60
µA
s
Low Shutdown Current: 10
µA
s
Shutdown Disconnects Load from VIN
s
Short-Circuit and Overtemperature Protected
s
650kHz Switching Frequency
s
Low-Battery Comparator Active in Shutdown
s
Available in SO-8 Package
FEATURES
DESCRIPTION
The LTC
®1514-3.3/LTC1514-5 are micropower switched
capacitor DC/DC converters that produce a regulated
output voltage by either stepping up or stepping down
the input voltage. Output voltage is fixed at either 3.3V
(LTC1514-3.3) or 5V (LTC1514-5) by an internal resistor
divider.
A unique architecture allows the parts to accommodate
a wide input voltage range (2V to 10V) while maintaining
±4% regulation. Additional circuitry prevents excessive
inrush current and output voltage ripple when large VIN
to VOUT differentials are present.
An internal uncommitted comparator is kept active in
shutdown. The comparator has an open-drain output for
flexible interfacing.
The parts are short-circuit and overtemperature pro-
tected. Battery life is maximized by very low operating
currents (ICC = 60µA typ, 10µA in shutdown). Both parts
are available in an SO-8 package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s
Battery-Operated Equipment
s
Smart Card Readers
s
Local Power Supplies
s
Handheld Instruments
s
Battery Backup Supplies
INPUT VOLTAGE (V)
2
10
LT1514 • TA02
4
6
8
3
5
7
9
5.2
5.1
5.0
4.9
4.8
IOUT = 10mA
TYPICAL APPLICATION
1
2
3
4
8
7
6
5
SHDN
LBO
LBI
GND
VOUT
VIN
C1+
C1
LTC1514-5
100k
VOUT = 5V
IOUT = 50mA
0.22
µF
10
µF
10
µF
VIN
4-CELL
NiCd
1.33M
1%
499k
1%
ON OFF
LOW BAT
1514 TA01
+
+
5V Step-Up/Step-Down Power Supply with Low-Battery Detect
LTC1514-5 Output Voltage
vs Input Voltage


Similar Part No. - 15143

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
1514-1 ETC2-1514-1 Datasheet
439Kb / 1P
   TURRET TERMINALS
logo
Data Delay Devices, Inc...
1514-100A DATADELAY-1514-100A Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1514-100B DATADELAY-1514-100B Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1514-100G DATADELAY-1514-100G Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
More results

Similar Description - 15143

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com