Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALO20A48-6 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALO20A48-6
Description  High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALO20A48-6 Datasheet(HTML) 1 Page - Emerson Network Power

  ALO20A48-6 Datasheet HTML 1Page - Emerson Network Power ALO20A48-6 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
Electrical Specs
120Watts
AEO/ALO40
High Efficiency
• 2.3” x 0.9” Industry Standard 8th brick outline
• Baseplate or Openframe construction
• Low Ripple and Noise
• Regulation to zero load
• High Capacitive Load start-up
• Fixed Frequency Switching for EMI predictability
• Industry Standard features: Input UVLO with
hysteresis, Enable, OVP, OCP, OTP, Output
VoltageTrim, Differential Remote Sense
• Meets Basic Insulation
• EU Directive 2002/95/EC compliant for RoHS
Environmental
Operating Ambient Temperature
Openframe: -40°C to +85°C Ambient
Baseplate: -40°C to +100°C Case
Storage temperature: -55°C to +125°C
MTBF: > 1 Million Hrs
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Input UVLO
33 - 36 V (UVLO ON)
31 - 34 V (UVLO OFF)
Efficiency2
93% @ 5 V (typical)
Output
Line / Load Regulation
< 0.1% VO (typical)
Load Current
Up to 40A for Vo
≤ 1.8V
Noise/Ripple1
30mVPK-PK (typical)
Transient Response
2% typical deviation
(50% to 75% Step Load)
< 100
µs settling time (typ)
Over Voltage Protection
130% VO Typ (autorecovery)
Over Current Protection
130% IO,max Typ (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
Fixed Frequency
Isolation Voltage
1500Vdc
Control
Output Voltage Trim
±10% VO,NOM
Enable
TTL compatible
(Positive or Negative Logic)
Safety
UL, cUL 60950-1 Recognized
TUV EN60950-1 Licensed
Total Power:
120 Watts
Input Voltages:
48V
No. of Outputs:
Single


Similar Part No. - ALO20A48-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO20A48-6 ASTEC-ALO20A48-6 Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO20A48-6 ASTEC-ALO20A48-6 Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Emerson Network Power
ALO20A48-6 EMERSON-NETWORKPOWER-ALO20A48-6 Datasheet
1Mb / 4P
   66/120 Watts
ALO20A48-6L EMERSON-NETWORKPOWER-ALO20A48-6L Datasheet
1Mb / 4P
   66/120 Watts
logo
Astec America, Inc
ALO20A48-6S ASTEC-ALO20A48-6S Datasheet
90Kb / 2P
   120Watts
More results

Similar Description - ALO20A48-6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
   High efficiency.
logo
Sanken electric
BL0200C SANKEN-BL0200C Datasheet
632Kb / 26P
   High Efficiency
logo
Taoglas antenna solutio...
SDWA.01 TAOGLAS-SDWA.01 Datasheet
1Mb / 20P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
   High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
   High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
[Old version datasheet]   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
   High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
   High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com