Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1646 Datasheet(PDF) 11 Page - Linear Technology

Part # 1646
Description  CompactPCI Dual Hot Swap Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1646 Datasheet(HTML) 11 Page - Linear Technology

Back Button 1646 Datasheet HTML 7Page - Linear Technology 1646 Datasheet HTML 8Page - Linear Technology 1646 Datasheet HTML 9Page - Linear Technology 1646 Datasheet HTML 10Page - Linear Technology 1646 Datasheet HTML 11Page - Linear Technology 1646 Datasheet HTML 12Page - Linear Technology 1646 Datasheet HTML 13Page - Linear Technology 1646 Datasheet HTML 14Page - Linear Technology 1646 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC1646
11
1646fa
Power-Down Sequence
When BD_SEL# is pulled high, a power-down sequence
begins (Figure 3).
Internal switches are connected to each of the output
supply voltage pins to discharge the bypass capacitors to
ground. The TIMER pin (Pin 2) is immediately pulled low.
The GATE pin (Pin 10) is pulled down by a 200
µA current
source to prevent the load currents on the 3.3V and 5V
supplies from going to zero instantaneously in order to
prevent glitching the power supply voltages. When either
of the output voltages dips below its threshold, HEALTHY#
pulls high and LOCAL_PCI_RST# will be asserted low.
Once the power-down sequence is complete, the CPCI
card may be removed from the slot. During extraction, the
precharge circuit will continue to bias the bus I/O pins at
1V until the 5V and 3.3V long connector pin connections
are separated.
Timer
During a power-up sequence, a 5
µA current source is
connected to the TIMER pin and current limit faults are
ignored until the voltage exceeds 1.25V. This feature
allows the chip to power up CPCI boards with widely
varying capacitive loads on the supplies. The power-up
time for either of the two outputs is given by:
tXV
CXV
II
ON
OUT
LOAD XVOUT
OUT
LIMIT XVOUT
LOAD XVOUT
()
()
()
()
= 2
(2)
Where XVOUT = 5VOUT or 3VOUT. For example, for
CLOAD(5VOUT) = 2000µF, ILIMIT = 7A, and ILOAD = 5A, the
5VOUT turn-on time will be ~10ms. By substituting the
variables in Equation 2 with the appropriate values, the
turn-on time for the 3VOUT output can also be calculated.
The timer period should be set longer than the maximum
supply turn-on time but short enough to not exceed the
maximum safe operating area of the pass transistor during
a short-circuit. The timer period for the LTC1646 is given
by:
t
CV
A
TIMER
TIMER
=
µ
•.
125
5
(3)
As a design aid, the timer period as a function of the timing
capacitor using standard values from 0.01
µF to 1µF is
shown in Table 2.
20ms/DIV
GATE
10V/DIV
5VOUT
3VOUT
5V/DIV
TIMER
5V/DIV
BD_SEL#
5V/DIV
HEALTHY#
5V/DIV
LCL_PCI_RST#
5V/DIV
PRECHARGE
5V/DIV
1646 F02
GATE
10V/DIV
5VOUT
3VOUT
5V/DIV
TIMER
5V/DIV
BD_SEL#
5V/DIV
HEALTHY#
5V/DIV
LCL_PCI_RST#
5V/DIV
PRECHARGE
5V/DIV
10ms/DIV
1646 F03
Figure 2. Normal Power-Up Sequence
Figure 3. Normal Power-Down Sequence
APPLICATIO S I FOR ATIO


Similar Part No. - 1646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1646007 PHOENIX-1646007 Datasheet
292Kb / 4P
   Cable gland - HC-M-KV-M25(14-21)
02/04/2022
1646010 PHOENIX-1646010 Datasheet
75Kb / 3P
   HC-M-KV-M32(19-27)
1646036 PHOENIX-1646036 Datasheet
42Kb / 2P
   Sleeve housing - HC-B 32-TFQ-80/O1PG36S X
logo
Turck, Inc.
1646100 TURCK-1646100 Datasheet
1Mb / 3P
   Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1646120 PHOENIX-1646120 Datasheet
81Kb / 3P
   HC-B 32-SD-FQU/FS
More results

Similar Description - 1646

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC4240 LINER-LTC4240 Datasheet
486Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
logo
Pericom Semiconductor C...
PI5L102 PERICOM-PI5L102 Datasheet
422Kb / 7P
   CompactPCI Hot Swap Pull-up Switch
logo
Linear Technology
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
   Rugged, CompactPCI Bus Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com