Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1654I Datasheet(PDF) 6 Page - Linear Technology

Part # 1654I
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1654I Datasheet(HTML) 6 Page - Linear Technology

Back Button 1654I Datasheet HTML 2Page - Linear Technology 1654I Datasheet HTML 3Page - Linear Technology 1654I Datasheet HTML 4Page - Linear Technology 1654I Datasheet HTML 5Page - Linear Technology 1654I Datasheet HTML 6Page - Linear Technology 1654I Datasheet HTML 7Page - Linear Technology 1654I Datasheet HTML 8Page - Linear Technology 1654I Datasheet HTML 9Page - Linear Technology 1654I Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1654
1654fb
CS/LD (Pin 5): The TTL Level Input for the Serial Interface
Enable and Load Control. When CS/LD is low, the SCK
signal is enabled, so the data can be clocked in. When
CS/LD is pulled high, the control/address bits are
decoded.
DGND/AGND (Pins 6, 12): Digital and Analog Grounds.
SDO (Pin 7): The output of the shift register that becomes
valid on the rising edge of the serial clock.
VOUT A/B (Pins 9, 15): The Buffered DAC Outputs.
REFHI A/B (Pins 10, 14): The Reference High Inputs of the
LTC1654. There is a gain of 1 from this pin to the output
in a gain of 1 configuration. In a gain of 1/2 configuration,
there is a gain of 1/2 from this pin to VOUT.
REFLO A/B (Pins 11, 13): The Reference Low Inputs of the
LTC1654. These inputs can swing up to VCC – 1.5V.
VCC (Pin 16): The Positive Supply Input. 2.7V ≤ VCC ≤ 5.5V.
Requires a 0.1
µF bypass capacitor to ground.
X1/X1/2 B, X1/X1/2 A (Pins 1, 8): The Gain of 1 or Gain of
1/2 Pin. When this pin is tied to VOUT, the output range will
be REFLO to (REFLO + REFHI)/2 (0V to REFHI/2 when
REFLO = 0V). When this pin is tied to REFLO, the output
range will be REFLO to REFHI (0V to REFHI when REFLO
= 0V). These pins should not be left floating.
CLR (Pin 2): The Asynchronous Clear Input.
SCK (Pin 3): The TTL Level Input for the Serial Interface
Clock.
SDI (Pin 4): The TTL Level Input for the Serial Interface
Data. Data on the SDI pin is latched into the shift register
on the rising edge of the serial clock. The LTC1654 allows
either a 24-bit or 32-bit word. When a 24-bit word is used,
the first 8 bits are control and address followed by 16 data
bits. The last two of the 16 data bits are don’t cares. When
a 32-bit word (required for daisy-chain operation) is used,
the first 8-bits are don’t cares and the following 24-bits are
as above.
1654 TD01
t1
t4
t3
t5
B0
C3
C3
X
X
X
CURRENT WORD
XX
X
X
XX
SCK
CS/LD
SDI
SDO
t2
t8
t6
t7
t9
(PREVIOUS
WORD)
TI I G DIAGRA S
PI FU CTIO S


Similar Part No. - 1654I

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1654 MOTOROLA-1654 Datasheet
204Kb / 6P
   Binary Counter
logo
Schurter Inc.
1654 SCHURTER-1654 Datasheet
359Kb / 3P
   Power Cord with IEC Connector C19, Straight
1654 SCHURTER-1654 Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
logo
Heyco.
1654 HEYCO-1654 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
1654 HEYCO-1654 Datasheet
112Kb / 1P
   Shorty Plugs
More results

Similar Description - 1654I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1654 LINER-LTC1654_15 Datasheet
195Kb / 16P
   Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC1654 LINER-LTC1654 Datasheet
154Kb / 12P
   Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com