Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1290CMJ Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1290CMJ
Description  Single Chip 12-Bit Data Acquisition System
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CMJ Datasheet(HTML) 3 Page - Linear Technology

  LTC1290CMJ Datasheet HTML 1Page - Linear Technology LTC1290CMJ Datasheet HTML 2Page - Linear Technology LTC1290CMJ Datasheet HTML 3Page - Linear Technology LTC1290CMJ Datasheet HTML 4Page - Linear Technology LTC1290CMJ Datasheet HTML 5Page - Linear Technology LTC1290CMJ Datasheet HTML 6Page - Linear Technology LTC1290CMJ Datasheet HTML 7Page - Linear Technology LTC1290CMJ Datasheet HTML 8Page - Linear Technology LTC1290CMJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1290
1290fe
LTC1290B
LTC1290C
LTC1290D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
(Note 4)
±1.5
±1.5
±1.5
LSB
Linearity Error (INL)
(Notes 4, 5)
±0.5
±0.5
±0.75
LSB
Gain Error
(Note 4)
±0.5
±1.0
±4.0
LSB
Minimum Resolution for Which
12
12
12
Bits
No Missing Codes are Guaranteed
Analog and REF Input Range
(Note 7)
(V) – 0.05V to VCC + 0.05V (V
) – 0.05V to VCC + 0.05V (V) – 0.05V to VCC + 0.05V
V
On Channel Leakage Current
On Channel = 5V
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
±1
±1
±1
µA
Off Channel = 5V
Off Channel Leakage Current
On Channel = 5V
±1
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
±1
±1
±1
µA
Off Channel = 5V
CO VERTER A D
ULTIPLEXER CHARACTERISTICS The denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LTC1290CMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290CMJ LINER-LTC1290CMJ Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CMJ LINER-LTC1290CMJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290CMJ LINEAR-LTC1290CMJ Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290CMJ LINER-LTC1290CMJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290CMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com