Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1290CISW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1290CISW
Description  Single Chip 12-Bit Data Acquisition System
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CISW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1290CISW Datasheet HTML 5Page - Linear Technology LTC1290CISW Datasheet HTML 6Page - Linear Technology LTC1290CISW Datasheet HTML 7Page - Linear Technology LTC1290CISW Datasheet HTML 8Page - Linear Technology LTC1290CISW Datasheet HTML 9Page - Linear Technology LTC1290CISW Datasheet HTML 10Page - Linear Technology LTC1290CISW Datasheet HTML 11Page - Linear Technology LTC1290CISW Datasheet HTML 12Page - Linear Technology LTC1290CISW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC1290
1290fe
TEST CIRCUITS
Voltage Waveforms for DOUT Delay Time, tdDO
Load Circuit for tdDO, tr and tf
Voltage Waveform for DOUT Rise and Fall Times, tr, tf
Voltage Waveforms for ten and tdis
DOUT
1.4V
3k
100pF
TEST POINT
1290 • TC05
SCLK
DOUT
0.8V
tdDO
0.4V
2.4V
LTC1290 • TC03
DOUT
0.4V
2.4V
tr
tf
LTC1290 • TC04
DOUT
WAVEFORM 1
(SEE NOTE 1)
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
LTC1290 • TC06
ten
2.4V
0.8V
ACLK
12
2.0V


Similar Part No. - LTC1290CISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290CISW LINER-LTC1290CISW Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CISW LINER-LTC1290CISW Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290CISW LINEAR-LTC1290CISW Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290CISW LINER-LTC1290CISW Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290CISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com