Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1292CCJ8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1292CCJ8
Description  Single Chip 12-Bit Data Acquisition Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292CCJ8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1292CCJ8 Datasheet HTML 5Page - Linear Technology LTC1292CCJ8 Datasheet HTML 6Page - Linear Technology LTC1292CCJ8 Datasheet HTML 7Page - Linear Technology LTC1292CCJ8 Datasheet HTML 8Page - Linear Technology LTC1292CCJ8 Datasheet HTML 9Page - Linear Technology LTC1292CCJ8 Datasheet HTML 10Page - Linear Technology LTC1292CCJ8 Datasheet HTML 11Page - Linear Technology LTC1292CCJ8 Datasheet HTML 12Page - Linear Technology LTC1292CCJ8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1292/LTC1297
12927fb
LTC1292 Operating Sequence
S
APPLICATI
I FOR ATIO
Motorola SPI (MC68HC11)
The MC68HC11 has been chosen as an example of an MPU
with a dedicated serial port. This MPU transfers data MSB
first and in 8-bit increments. A dummy DIN word sent to the
data register starts the SPI process. With two 8-bit transfers,
the A/D result is read into the MPU (Figure 1). For the
LTC1292 the first 8-bit transfer clocks B11 through B8 of
the A/D conversion result into the processor. The second
8-bit transfer clocks the remaining bits B7 through B0 into
Microprocessor Interfaces
The LTC1292/LTC1297 can interface directly (without
external hardware) to most popular microprocessors’
(MPU) synchronous serial formats (see Table 1). If an
MPU without a dedicated serial port is used, then three of
the MPU’s parallel port lines can be programmed to form
the serial link to the LTC1292/LTC1297. Included here are
one serial interface example and one example showing a
parallel port programmed to form the serial interface.
Figure 1. Data Exchange Between LTC1292 and MC68HC11
CLK
tCYC
CS
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
tCONV
DOUT
Hi-Z
tSMPL
tSMPL
LTC1292/7 AI01
LTC1297 Operating Sequence
CLK
CS
DOUT
MPU
RECEIVED WORD
LTC1292/7 F01
B7
B6
B5
B4
B3
B2
B1
B0
B1
B8
B9
B10
B11
BYTE 2
B10
B9
B8
B11
O
?
?
?
1ST TRANSFER
2ND TRANSFER
BYTE 1
B2
B1
B0
B3
B4
B6
B7
B5
CLK
tCYC
CS
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
tCONV
DOUT
Hi-Z
tSMPL
LTC1292/7 AI02
tsuCS
POWER SHUTDOWN MODE


Similar Part No. - LTC1292CCJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1292CCJ8 LINER-LTC1292CCJ8 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
More results

Similar Description - LTC1292CCJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com