Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS35W-NNR-000 Datasheet(PDF) 1 Page - Emerson Network Power

Part # HPS35W-NNR-000
Description  Active Power Factor Correction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS35W-NNR-000 Datasheet(HTML) 1 Page - Emerson Network Power

  HPS35W-NNR-000 Datasheet HTML 1Page - Emerson Network Power HPS35W-NNR-000 Datasheet HTML 2Page - Emerson Network Power HPS35W-NNR-000 Datasheet HTML 3Page - Emerson Network Power HPS35W-NNR-000 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
HPS35 Series
350 - 1400 Watts
Special Features
•ActivePowerFactorCorrection
•EN61000-3-2compliant
•CISPR22,EN55022Level-B
conducted/radiatedEMI
•EN61000immunitystandards
•5Vsb@2A
•Overvoltageprotection(OVP)
•Overcurrentprotection(OCP)
•Overtemperatureprotection
(OTP)
•ACOKsignalandindicatorLED
•DCOKsignalandindicatorLED
•RemoteInhibit
•RemoteSenseonmainoutput
• HotPlug
•N+1Redundant
•2yearwarranty
Total Power:
350 Watts
per module
Input Voltage:
90-264VAC
# of Outputs:
Singleand
standby
Safety
Input
Inputvoltage:
90-264VACtypical
Frequency:
47-440Hz
Inrushcurrent:
40Apeaktypical@25°C
Efficiency:
80%typ@fullload,230VAC
Powerfactor:
0.98typical@115VAC,fullload
Turn-ontime:
ACON-2sec.,Inhibit/Enable160ms
EMIfilterstandard:
CISPR22,EN55022Level“B”
Leakagecurrentstandard: <0.5mAmax@230VAC@60Hz(permodule)
RadiatedEMI:
CISPR22,EN55022Level“B”
Holduptime:
20msminimum(independentofinputVAC)
ACOK:
5msearlywarningminimumbeforeoutputsloseregulation
Harmonicdistortion:
MeetsEN61000-3-2
Isolation:
MeetsEN60950
Output
Adjustability:
±5%ofnominaloutputvoltage
Overallregulation:
±3%
Ripple:
1%ofVoutpk-pk(20MHzbandwidth)
Dynamicresponse:
4%from25%to75%loadstep
Recoverytime:
Towithin1%in<300µsec
Overcurrentprotection:
115 - 130% of rated output current
Shortcircuitprotection:
Protectedforcontinuousshortcircuit.Autorecovery.
Overvoltageprotection:
120-140%ACReset.
Reversevoltageprotection: 100%ofratedoutputvoltage
Thermalprotection:
MainandAuxdisabledwheninternaltempexceeds
safeoperatingrange
Remotesense:
Upto0.5Vtotaldrop
Singlewireparallel:
Currentsharetowithin10%oftotalratedcurrenton
main output
DCOK:
±5% of nominal
UL
UL60950-1,1stEd.
(April1,2003)
CSA
CSAC22.260950-1-03
TUV
EN60950-1:2001
(1stEd.)
CB
IEC60950-1,
1stEd.(2001)
CE
Mark(LVD)
Electrical Specifications
Rev. 2.18.09_133
HPS35 Series
1 of 4


Similar Part No. - HPS35W-NNR-000

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS35W-NNR-000-XXX ASTEC-HPS35W-NNR-000-XXX Datasheet
1Mb / 5P
   350-1400 Watts
More results

Similar Description - HPS35W-NNR-000

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
   Active Power Factor Correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
   Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
   Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
   Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
   Active power factor correction
logo
Bel Fuse Inc.
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
   Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
   Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
   Active Power Factor Correction
logo
Astec America, Inc
LPQ253-CEF ASTEC-LPQ253-CEF Datasheet
137Kb / 2P
   Active power factor correction
logo
Emerson Network Power
LPS172 EMERSON-NETWORKPOWER-LPS172 Datasheet
782Kb / 3P
   Active power factor correction
NTQ160 EMERSON-NETWORKPOWER-NTQ160 Datasheet
149Kb / 3P
   Active power factor correction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com