Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDS6500E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFDS6500E
Description  2.7-5.5V Fast Infrared Transceiver Module Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDS6500E Datasheet(HTML) 1 Page - Vishay Siliconix

  TFDS6500E Datasheet HTML 1Page - Vishay Siliconix TFDS6500E Datasheet HTML 2Page - Vishay Siliconix TFDS6500E Datasheet HTML 3Page - Vishay Siliconix TFDS6500E Datasheet HTML 4Page - Vishay Siliconix TFDS6500E Datasheet HTML 5Page - Vishay Siliconix TFDS6500E Datasheet HTML 6Page - Vishay Siliconix TFDS6500E Datasheet HTML 7Page - Vishay Siliconix TFDS6500E Datasheet HTML 8Page - Vishay Siliconix TFDS6500E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TFDU6100E/TFDS6500E/TFDT6500E
TELEFUNKEN
Semiconductors
Pending—Rev. A, 03-Apr-98
1
Pre-Release Information
2.7–5.5V Fast Infrared Transceiver Module Family
(FIR, 4 Mbit/s)
Features
Applications
D Compliant to IrDA 1.2 (Up to
4 Mbit/s), HP–SIR, Sharp ASK
and TV Remote
D Wide Operating Voltage Range
(2.7 to 5.5 V )
D Low-Power Consumption (3 mA
Supply Current)
D Power Shutdown Mode (1
mA
Shutdown Current)
D Long Range (Up to 2.0 m at
4 Mbit/s in Nominal Design)
D High Efficiency Emitter
(120 mW/sr min
"15_)
D Three Surface Mount Package
Options
Universal (9.7 x 4.7 x 4.0 mm)
Side View (13.0x5.95x5.3mm)
Top View (13.0x7.6x5.95mm)
D BabyFace (Universal) Package
Capable of Surface Mount
Solderability to Side and Top
View Orientation
D Directly Interfaces With Various
Super I/O and Controller Devices
D Built–In EMI Protection – No
External Shielding Necessary
D Few External Components
Required
D Backward Compatible to All
TEMIC SIR and FIR Infrared
Transceivers
D Notebook Computers, Desktop
PCs, Palmtop Computers (Win
CE, Palm PC), PDAs
D Digital Still and Video Cameras
D Printers, Fax Machines,
Photocopiers, Screen Projectors
D Telecommunication Products
(Cellular Phones, Pagers)
D Internet TV Boxes, Video
Conferencing Systems
D External Infrared Adapters
(Dongles)
D Medical and Industrial Data
Collection Devices
Description
The TFDU6100E, TFDS6500E, and TFDT6500E are a
family of low-power infrared transceiver modules
compliant to the IrDA 1.2 standard for fast infrared (FIR)
data communication, supporting IrDA speeds up to 4.0
Mbit/s, HP–SIR, Sharp ASK and carrier based remote
control modes up to 2 MHz. Integrated within the
transceiver modules are a photo PIN diode, infrared
emitter (IRED), and a low-power CMOS control IC to
provide a total front–end solution in a single package.
TEMIC’s FIR transceivers are available in three package
options, including our BabyFace package (TFDU6100E),
the smallest FIR transceiver available on the market. This
wide selection provides flexibility for a variety of
applications and space constraints.
The transceivers are capable of directly interfacing with
a wide variety of I/O chips which perform the pulse-width
modulation/demodulation function, including National
Semiconductor’s PC87338, PC87108 and PC87109,
SMSC’s FDC37C669, FDC37N769 and CAM35C44,
and Hitachi’s SH3. At a minimum, a current-limiting
resistor in series with the infrared emitter and a VCC
bypass capacitor are the only external components
required to implement a complete solution.
Package Options
TFDU6100E
Baby Face (Universal)
TFDS6500E
Side View
TFDT6500E
Top View
This product is currently in devleopment. Inquiries regarding the status of this product should be directed to TEMIC Marketing.


Similar Part No. - TFDS6500E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDS6501E VISHAY-TFDS6501E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDS6501E-TR4 VISHAY-TFDS6501E-TR4 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDS6502E VISHAY-TFDS6502E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDS6502E-TR3 VISHAY-TFDS6502E-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDS6500E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4100 VISHAY-TFDU4100 Datasheet
554Kb / 12P
   2.7-5.5V Serial Infrared Transceiver Module Family
Rev. A, 03-Apr-98
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
logo
List of Unclassifed Man...
IBM31T1100 ETC-IBM31T1100 Datasheet
89Kb / 8P
   Integrated Infrared Transceiver Module
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
   Infrared IrDA Transceiver Module
logo
Vishay Siliconix
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
logo
EHAOAN.
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com