Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO10C-005W05-HJ Datasheet(PDF) 4 Page - Emerson Network Power

Part # LDO10C-005W05-HJ
Description  10 A output current rating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LDO10C-005W05-HJ Datasheet(HTML) 4 Page - Emerson Network Power

  LDO10C-005W05-HJ Datasheet HTML 1Page - Emerson Network Power LDO10C-005W05-HJ Datasheet HTML 2Page - Emerson Network Power LDO10C-005W05-HJ Datasheet HTML 3Page - Emerson Network Power LDO10C-005W05-HJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 09.03.08
LDO10C
4 of 4
Embedded Power for
Business-Critical Continuity
SXX06E
Rev. 08.01.06
Page 1 of 2
Surface Mount
Pin Assignments
Single Output
1. Enable
2. Vin
3. Common/RTN
4. Vout
6. Mech Pin (Horz/SMT only)
5. PG/Trim
Mechanical Drawings (Cont'd)
0.410 (10.41)
0.650 (16.51)
0.035 (0.89)
REF
0.062 (1.57) REF
0.040 (1.02)
REF
0.52 (13.13)
0.055 (1.40) REF
0.125 (3.18) TYP
0.025 (0.64) REF
1
7
6
5
LDO10C-
005W05-
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
*This is a Preliminary Datasheet. Emerson Network
Power reserves the right to make changes to the
information contained herein without notice and
assumes no liability as a result of its use or application.
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
For technical support, visit:
http://www.powerconversion.
com/support/product/
technical-support.php
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.


Similar Part No. - LDO10C-005W05-HJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
651Kb / 20P
   Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
   Power enable (5-pin model)
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
More results

Similar Description - LDO10C-005W05-HJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL10E-05W3V3 EMERSON-NETWORKPOWER-SIL10E-05W3V3 Datasheet
622Kb / 4P
   10 A Current rating
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
   6 A output current rating
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ Datasheet
712Kb / 4P
   3, 6, 10 and 20 A output current rating Power
logo
Amphenol Corporation
C-L17DM53744207 AMPHENOL-C-L17DM53744207 Datasheet
138Kb / 1P
   current rating-10 to 20a
C-L17DM53744207C309 AMPHENOL-C-L17DM53744207C309 Datasheet
106Kb / 1P
   current rating-10 to 20a
logo
DATEL, Inc.
FT10-100 DATEL-FT10-100 Datasheet
97Kb / 1P
   FT series, 10 A Output Current, Filter Module
logo
Analog Devices
DAC100 AD-DAC100 Datasheet
178Kb / 5P
   10-Bit Current output D to A Converter
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
logo
SynQor Worldwide Headqu...
MQHE-28E-P SYNQOR-MQHE-28E-P Datasheet
7Mb / 17P
   10 amps output current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com