Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP29 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP29
Description  isc Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP29 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP29 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP29 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
TIP29
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 40V(Min)
·Collector-Emitter Saturation Voltage-
: VCE(sat) = 0.7V(Max.)@IC= 1.0A
·Complement to Type TIP30
APPLICATIONS
·Designed for use in general purpose amplifier and switching
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
1
A
ICM
Collector Current-Pulse
3
A
IB
Base Current
0.4
A
PC
Collector Power Dissipation
TC=25℃
30
W
Tj
Junction Temperature
150
Tstg
Storage Ttemperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.17
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃/W


Similar Part No. - TIP29

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
logo
Power Innovations Ltd
TIP29 POINN-TIP29 Datasheet
85Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
TIP29 CDIL-TIP29 Datasheet
317Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - TIP29

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N5930 ISC-2N5930 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2N5933 ISC-2N5933 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistors
2N5935 ISC-2N5935 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2SD583 ISC-2SD583 Datasheet
256Kb / 2P
   isc Silicon NPN Power Transistors
BUS132 ISC-BUS132 Datasheet
195Kb / 2P
   isc Silicon NPN Power Transistors
MJD41C ISC-MJD41C Datasheet
260Kb / 3P
   isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
   isc Silicon NPN Power Transistors
2N4915 ISC-2N4915 Datasheet
40Kb / 2P
   isc Silicon NPN Power Transistors
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
   isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com