Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHE4400 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLHE4400
Description  High Intensity LED in 3 mm Tinted Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHE4400 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHE4400 Datasheet HTML 1Page - Vishay Siliconix TLHE4400 Datasheet HTML 2Page - Vishay Siliconix TLHE4400 Datasheet HTML 3Page - Vishay Siliconix TLHE4400 Datasheet HTML 4Page - Vishay Siliconix TLHE4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLHE4400
Vishay Telefunken
4 (5)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83062
Dimensions in mm
95 10913


Similar Part No. - TLHE4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHE4400 VISHAY-TLHE4400 Datasheet
110Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHE4400 VISHAY-TLHE4400_V01 Datasheet
110Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results

Similar Description - TLHE4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLHK4600 VISHAY-TLHK4600_04 Datasheet
169Kb / 6P
   High Intensity LED in ∅ 3 mm Tinted Diffused Package
Rev. 1.5, 31-Aug-04
TLHE4600 VISHAY-TLHE4600 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF4600 VISHAY-TLHF4600 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHK4400 VISHAY-TLHK4400 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4400 VISHAY-TLHF4400_V01 Datasheet
111Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHK44R1S2 VISHAY-TLHK44R1S2_V01 Datasheet
109Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4200 VISHAY-TLHF4200 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Non . Diffused Package
Rev. A1, 04-Feb-99
TLHF4601 VISHAY-TLHF4601 Datasheet
107Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com