Selected language     English  ▼


TC54VN3601ECBSTP Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part No. TC54VN3601ECBSTP
Description  VOLTAGE DETECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELCOM [TelCom Semiconductor, Inc]
Homepage  http://www.telcom-semi.com
Logo 

   
 3 page
background image
4-281
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC54
VOLTAGE DETECTOR
TIMING CHART
MARKING
8
12
4
7
11
3
6
10
2
5
9
1
VIN
DETECT VOLTAGE VDET
MINIMUM OPERATING
VOLTAGE
VHYST
VDET
OUTPUT VOLTAGE
RELEASE
VOLTAGE
RESET
VOLTAGE
OR
GROUND LEVEL
GROUND LEVEL
+
= output (Nch or CMOS) plus first voltage digit
23 45 6
Nch
M N P R S
CMOS
C D E F H
ex: CMOS 3.x =
kkkk
= first voltage decimal (0-9)
ex: CMOS 3.4 =
kkkk
&
= assembly lot number
D
D4
,
&
= 54_ (fixed)
= output (C = CMOS, N = Nch)
= first voltage digit (2-6)
= first voltage decimal (0-9)
= extra feature code : fixed : 0
= detecting accuracy
1 =
± 1.0% (custom), 2 = ± 2.0% (standard)
,
,
&
= assembly lot number
SOT-89-3
SOT-23A-3
TO-92
DESCRIPTION OF OPERATION
Refer to the Timing Chart below. In normal steady-state
operation, when VIN > V
DET, the output will be at a logic high.
In the case of the TC54V, this is an open-drain condition. If
and when the input falls below V
DET, the output will pull down
(Logic 0) to VSS. Generally, VOUT can pull down to within
0.5V of VSS at rated output current and input voltage. (See
the Electrical Characteristics section).
The output, VOUT, will stay valid until the input voltage
falls below the Minimum Operating Voltage, VIN(MIN), of
1.5V. Below this minimum operating voltage, the output is
undefined. During power-up or anytime VIN has fallen below
VIN (MIN), VOUT will remain undefined until VIN rises above
VIN(MIN), at which time the output will become valid. VOUT
will be in its active low state while VIN(MIN) < VIN < V+DET.
(V+DET = V
DET + VHYST). If and when the input rises above
V
+
DET, the output will assume its inactive state. (High for
TC54VC, open-drain for TC54VN).
APPLICATIONS
Refer to TelCom Semiconductor Application Note #2,
Using the TC54 Voltage Detector.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RN5VDVOLTAGE DETECTOR WITH OUTPUT DELAY 1 2 3 4 5 MoreRICOH electronics devices division
IS489Low Voltage Operating Type High Sensitivity OPIC Light Detector 1 2 3 Sharp Electrionic Components
ILC5140CMOS MULTILEVEL VOLTAGE DETECTOR 1 2 3 4 5 MoreImpala Linear Corporation
NJU77122ch VOLTAGE DETECTOR 1 2 3 4 5 MoreNew Japan Radio
BD48XXFVEVoltage Detector IC 1 2 3 4 5 MoreRohm
BU42XXFVELow Voltage Detector IC with Adjustable Output Delay 1 2 3 4 5 MoreRohm
MC33460Under Voltage Detector Series 1 2 3 4 5 MoreON Semiconductor
RN5VSLOW VOLTAGE DETECTOR 1 2 3 4 5 MoreRICOH electronics devices division
S-806VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
NCP300Voltage Detector Series 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl