Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSA187 Datasheet(PDF) 3 Page - Bedford Opto Technology Ltd.

Part # SSA187
Description  3 TIER 3mm LED ASSEMBLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA187 Datasheet(HTML) 3 Page - Bedford Opto Technology Ltd.

  SSA187 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA187 Datasheet HTML 2Page - Bedford Opto Technology Ltd. SSA187 Datasheet HTML 3Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
SSA 187L
ABSOLUTE MAXIMUM RATINGS (TA = 25
OC)
Parameter
Red
Green
Yellow
Forward Current mA
7.0
7.0
7.0
Power Dissipation
20mW
20mW
20mW
Reverse Voltage volts
6
6
6
Operating Temperature
-40
°C to +100°C
Storage Temperature
-55
°C to 100°C
Lead Soldering Temperature
260
°C
COLOUR
Lumenous
Intensity
If = 2mA
mcd
Peak Wave-
length
nm
Viewing
Angle
Degrees
Forward Voltage
If = 2mA
volts
RED
min
typ
1.0
2.0
-
635
-
50
1.9
YELLOW
min
typ
1.0
2.0
-
585
-
50
2.4
GREEN
min
typ
max
1.0
2.0
-
565
-
-
50
-
1.9
2.4
OPTO ELECTRONIC DATA (Ta = 25
oC)
ORDERING INFORMATION
SSA187LXYZ
X = Top LED
Y = Middle LED
Z = Bottom LED
Indicate colour by using
R = Red
Y = Yellow
B = Blank
G = Green
ISS C 14.3.06
PAGE 3 OF 3
LOW CURRENT VERSIONS
Pb
This
component
is RoHS
compliant


Similar Part No. - SSA187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSA1197 ETC-SSA1197 Datasheet
590Kb / 2P
   PNP Silicon Transistor
logo
Bedford Opto Technology...
SSA149 BOT-SSA149 Datasheet
35Kb / 2P
   2 TIER 3mm LED ASSEMBLY
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
   3 TIER 3mm LED ASSEMBLY
logo
celduc-relais
SSA15320 CELDUC-SSA15320 Datasheet
99Kb / 4P
   Support Interfaces E/S DIN rail adaptor for I/O modules
logo
Bedford Opto Technology...
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
   3mm LED ARRAY 6 WAY 2 HIGH
More results

Similar Description - SSA187

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT33 BOT-ORT33 Datasheet
32Kb / 2P
   3 Tier 3mm LED ASSEMBLY
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
   3 TIER 3mm LED ASSEMBLY
SSA149 BOT-SSA149 Datasheet
35Kb / 2P
   2 TIER 3mm LED ASSEMBLY
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
   3 Way 2 Tier 3mm LED Array
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
SSA196 BOT-SSA196 Datasheet
33Kb / 2P
   3mm LED ASSEMBLY
logo
A-BRIGHT Inc
AA-3A4-4G-KLH340 A-BRIGHT-AA-3A4-4G-KLH340_09 Datasheet
239Kb / 5P
   3mm LED Assembly
2009/2/27
logo
Bedford Opto Technology...
SSA200 BOT-SSA200 Datasheet
34Kb / 2P
   SERIES 3 TIER
ORD9402 BOT-ORD9402 Datasheet
37Kb / 2P
   3mm LED INTERLOCKING ASSEMBLY
ORD9202 BOT-ORD9202 Datasheet
34Kb / 2P
   3mm LED ASSEMBLY IN LINE PINNING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com