Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALO10M48-S Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALO10M48-S
Description  66/120 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALO10M48-S Datasheet(HTML) 1 Page - Emerson Network Power

  ALO10M48-S Datasheet HTML 1Page - Emerson Network Power ALO10M48-S Datasheet HTML 2Page - Emerson Network Power ALO10M48-S Datasheet HTML 3Page - Emerson Network Power ALO10M48-S Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
116
Embedded Power for
Business-Critical Continuity
AEO/ALO Series
66/120 Watts
Special Features
• 2.3”x0.9”IndustryStandard
8th brick outline
• BaseplateorOpenframe
construction
• LowRippleandNoise
• Regulationtozeroload
• HighCapacitiveloadstart-up
• FixedFrequencySwitching
forEMIpredictability
• IndustryStandardfeatures:
InputUVLOwith
hysteresis,Enable,OVP,OCP,
OTP,Output,VoltageTrim,
DifferentialRemoteSense
• MeetsBasicInsulation
• EUDirective2002/95/EC
compliantforRoHS
Total Power:
Upto120Watts
Input Voltage: 48V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
36-75VDC
Inputsurge:
100V/100ms
InputUVLO:
33-36V(UVLOON)
31-31V(UVLOOFF)
Efficiency2:
93%@5V(typical)
Output
Line/LoadRegulation:
<0.1%vo(typical)
LoadCurrent:
Upto25AforVo<1.8V
Noise/Ripple1:
20mV
PK-PK(typicalforVo<2.5V)
TransientResponse:
2%typicaldeviation(50%to75%StepLoad)
<100ussettlingtime(typ)
OverVoltageProtection:
130%V
otyp(autorecovery)
OverCurrentProtection:
130%I
o,maxtyp(autorecovery)
OverTemperatureProtection: 115°CaveragePCBtemperature(autorecovery)
SwitchingFrequency:
FixedFrequency
IsolationVoltage:
1500Vdc
Control
OutputVoltageTrim:
±10%V
O,NOM
Enable:
TTLcompatible(PositiveorNegativelogic)
UL, cUL 60950-1Recognized
TUV
EN60950-1Licensed
Rev. 09.30.08_100
AEO/ALO Series
1 of 4


Similar Part No. - ALO10M48-S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO10A48 ASTEC-ALO10A48 Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10A48-6 ASTEC-ALO10A48-6 Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10A48-6S ASTEC-ALO10A48-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10A48N ASTEC-ALO10A48N Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10A48N-6 ASTEC-ALO10A48N-6 Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
More results

Similar Description - ALO10M48-S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
   120 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
   120 Watts
LPS120 ASTEC-LPS120 Datasheet
209Kb / 3P
   120 Watts
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
logo
List of Unclassifed Man...
HY2004 ETC2-HY2004 Datasheet
61Kb / 2P
   120 WATTS Power Amplifier
logo
Artesyn Technologies
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
   Total Power: 120 Watts
logo
Tumbler Technologies + ...
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
logo
Artesyn Technologies
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
   Total Power: 100 - 120 Watts
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
   120 Watts Single Output Desktop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com