Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHK5400 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLHK5400
Description  High Intensity LED, 5 mm Tinted Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK5400 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLHK5400 Datasheet HTML 1Page - Vishay Siliconix TLHK5400 Datasheet HTML 2Page - Vishay Siliconix TLHK5400 Datasheet HTML 3Page - Vishay Siliconix TLHK5400 Datasheet HTML 4Page - Vishay Siliconix TLHK5400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TLHK5400
Vishay Telefunken
5 (5)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83131
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as their
impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of
ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application
by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the
buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


Similar Part No. - TLHK5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK5400 VISHAY-TLHK5400 Datasheet
337Kb / 4P
   High Intensity LED, 첩 5 mm Tinted Diffused Package
08-Feb-17
TLHK5400 VISHAY-TLHK5400_V01 Datasheet
337Kb / 4P
   High Intensity LED, 첩 5 mm Tinted Diffused Package
08-Feb-17
More results

Similar Description - TLHK5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHK5400 VISHAY-TLHK5400_V01 Datasheet
337Kb / 4P
   High Intensity LED, 첩 5 mm Tinted Diffused Package
08-Feb-17
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR5400 VISHAY-TLDR5400_V01 Datasheet
552Kb / 5P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHF5400 VISHAY-TLHF5400_V01 Datasheet
103Kb / 4P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
   High Intensity LED, 5 mm Tinted Diffused
Rev. 1.4, 30-Aug-04
TLDR6400 VISHAY-TLDR6400_V01 Datasheet
481Kb / 5P
   High Intensity LED, 횠 5 mm Tinted Diffused Package DESCRIPTION This
01-Jan-2022
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com