Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16245A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC16245A
Description  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16245A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC16245A Datasheet HTML 2Page - NXP Semiconductors 74LVC16245A Datasheet HTML 3Page - NXP Semiconductors 74LVC16245A Datasheet HTML 4Page - NXP Semiconductors 74LVC16245A Datasheet HTML 5Page - NXP Semiconductors 74LVC16245A Datasheet HTML 6Page - NXP Semiconductors 74LVC16245A Datasheet HTML 7Page - NXP Semiconductors 74LVC16245A Datasheet HTML 8Page - NXP Semiconductors 74LVC16245A Datasheet HTML 9Page - NXP Semiconductors 74LVC16245A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
6 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Table 2.
Pin description
Symbol
Pin
Description
SOT370-1 and
SOT362-1
SOT702-1
SOT1025-1
1DIR, 2DIR 1, 24
A1, K1
A30, A13
direction control input
1B0 to 1B7
2, 3, 5, 6, 8, 9, 11,
12
B2, B1, C2, C1, D2, D1,
E2, E1
B20, A31, D5, D1, A2,
B2, B3, A5
data input/output
2B0 to 2B7
13, 14, 16, 17, 19,
20, 22, 23
F1, F2, G1, G2, H1, H2,
J1, J2
A6, B5, B6, A9, D2, D6,
A12, B8
data input/output
GND
4, 10, 15, 21, 28,
34, 39, 45
B3, B4, D3, D4, G3, G4,
J3, J4
A32, A3, A8, A11, A16,
A19, A24, A27
ground (0 V)
VCC
7, 18, 31, 42
C3, C4, H3, H4
A1, A10, A17, A26
supply voltage
1OE, 2OE
48, 25
A6, K6
A29, A14
output enable input (active LOW)
1A0 to 1A7
47, 46, 44, 43, 41,
40, 38, 37
B5, B6, C5, C6, D5, D6,
E5, E6
B18, A28, D8, D4, A25,
B16, B15, A22
data input/output
2A0 to 2A7
36, 35, 33, 32, 30,
29, 27, 26
F6, F5, G6, G5, H6, H5,
J6, J5
A21, B13, B12, A18, D3,
D7, A15, B10
data input/output
n.c.
-
A2, A3, A4, A5, K2, K3,
K4, K5
A4, A7, A20, A23, B1,
B4, B7, B9, B11, B14,
B17, B19
not connected
Table 3.
Function table[1]
Inputs
Outputs
nOE
nDIR
nAn
nBn
L
L
A = B
inputs
L
H
inputs
B = A
HX
Z
Z


Similar Part No. - 74LVC16245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74LVC16245A NEXPERIA-74LVC16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC16245ADGG PHILIPS-74LVC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVC16245ADGG ICST-74LVC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results

Similar Description - 74LVC16245A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com