Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF-5122Z Datasheet(PDF) 8 Page - RF Micro Devices

Part # SPF-5122Z
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF-5122Z Datasheet(HTML) 8 Page - RF Micro Devices

Back Button SPF-5122Z Datasheet HTML 4Page - RF Micro Devices SPF-5122Z Datasheet HTML 5Page - RF Micro Devices SPF-5122Z Datasheet HTML 6Page - RF Micro Devices SPF-5122Z Datasheet HTML 7Page - RF Micro Devices SPF-5122Z Datasheet HTML 8Page - RF Micro Devices SPF-5122Z Datasheet HTML 9Page - RF Micro Devices SPF-5122Z Datasheet HTML 10Page - RF Micro Devices SPF-5122Z Datasheet HTML 11Page - RF Micro Devices SPF-5122Z Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
Preliminary
EDS-105470 Rev E
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF-5122Z
De-embedded Device S-parameters (Bias Tee Data)
S11 versus Frequency (5V 46mA)
S22 versus Frequency (5V 46mA)
GMAX versus Frequency
(5V, 90mA)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Frequency (GHz)
Gmax
Gain
0.0
0.2
1.0
2.0
5.0
5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
4 GHz
2 GHz
1 GHz
50 MHz
z
3 GHz
6 GHz
8 GHz
0.5 GHz
GHz
0.0
0.2
0.5
2.0
5.0
5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
4 GHz
2 GHz
1 GHz
50 MHz
z
3 GHz
GHz
8 GHz
0.5 GHz
6 GHz


Similar Part No. - SPF-5122Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPF-5122Z SIRENZA-SPF-5122Z Datasheet
141Kb / 6P
   400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
More results

Similar Description - SPF-5122Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com