Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS79SB62 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1PS79SB62
Description  SCHOTTKY BARRIER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1PS79SB62 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1PS79SB62 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
SCHOTTKY BARRIER DIODE
1PS79SB62
Features
Ultra high switching speed
Very low capacitance
High breakdown voltage
Guard ring protected
Ultra small plastic SMD package.
Absolute M axim um R atings T a = 25
P aram eter
S ym bol
M in
M ax
U nit
continuous reverse voltage
V R
40
V
continuous forward current
IF
20
m A
storage tem perature
Tst g
-65
+150
junction tem perature
Tj
125
operating am bient tem perature
Tamb
-65
+150
E lectrical C haracteristics T a = 25
P aram eter
S ym bol
C onditions
M ax
U nit
continuous forward voltage
V F
IF = 2 m A ; note 1
800
m V
capacitance reverse current
IR
V R = 40 V , note
1
A
diods capacitance
C d
V R =0 V , f = 1 M H z
0.6
pF
Note
1. P ulse test: pulse width = 300
s, ä = 0.02.
Marking
Marking
S9


Similar Part No. - 1PS79SB62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
   Schottky barrier diode
2001 Jan 18
More results

Similar Description - 1PS79SB62

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com