Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMG3100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMG3100
Description  SMD LED in P-LCC-2 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMG3100 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMG3100 Datasheet HTML 1Page - Vishay Siliconix TLMG3100 Datasheet HTML 2Page - Vishay Siliconix TLMG3100 Datasheet HTML 3Page - Vishay Siliconix TLMG3100 Datasheet HTML 4Page - Vishay Siliconix TLMG3100 Datasheet HTML 5Page - Vishay Siliconix TLMG3100 Datasheet HTML 6Page - Vishay Siliconix TLMG3100 Datasheet HTML 7Page - Vishay Siliconix TLMG3100 Datasheet HTML 8Page - Vishay Siliconix TLMG3100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLM.310.
Vishay Telefunken
3 (12)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83032
Yellow (TLMY3100 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA
IV
2.5
6
mcd
Dominant wavelength
IF = 10 mA
ld
581
594
nm
Peak wavelength
IF = 10 mA
lp
585
nm
Angle of half intensity
IF = 10 mA
ϕ
±60
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Green (TLMG3100 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA
IV
4
9
mcd
Dominant wavelength
IF = 10 mA
ld
562
575
nm
Peak wavelength
IF = 10 mA
lp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
±60
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Pure green (TLMP3100 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA
IV
1
4
mcd
Dominant wavelength
IF = 10 mA
ld
555
565
nm
Peak wavelength
IF = 10 mA
lp
555
nm
Angle of half intensity
IF = 10 mA
ϕ
±60
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF


Similar Part No. - TLMG3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMG3100 VISHAY-TLMG3100 Datasheet
93Kb / 7P
   Bicolor SMD LED
Rev. A1, 04-Feb-99
TLMG3100 VISHAY-TLMG3100 Datasheet
306Kb / 10P
   Vishay Semiconductors
Rev. 1.7, 31-Aug-04
TLMG3100 VISHAY-TLMG3100 Datasheet
133Kb / 11P
   Standard SMD LED PLCC-2
Rev. 1.8, 12-Sep-07
More results

Similar Description - TLMG3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMH3102 VISHAY-TLMH3102 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMS310 VISHAY-TLMS310 Datasheet
102Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A2, 04-Jul-02
TLMO3101 VISHAY-TLMO3101 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMG3101 VISHAY-TLMG3101 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMB310 VISHAY-TLMB310 Datasheet
78Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A2, 13-Jul-99
TLMH3101 VISHAY-TLMH3101 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMP3102 VISHAY-TLMP3102 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMY3102 VISHAY-TLMY3102 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMY3101 VISHAY-TLMY3101 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
TLMG3105 VISHAY-TLMG3105 Datasheet
80Kb / 6P
   SMD LED in P-LCC-2 Package
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com