Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1329L13 Datasheet(PDF) 2 Page - celduc-relais

Part # R1329L13
Description  HIGH VOLTAGE REED RELAY/ DRY CONTACT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

R1329L13 Datasheet(HTML) 2 Page - celduc-relais

  R1329L13 Datasheet HTML 1Page - celduc-relais R1329L13 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R/STD/R13..L13/A/26/09/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 2 F/GB
caractéristiques électriques/electrical data
résistance initiale de contact/
Initial contact resistance ( 100 mA/ 12 VAC)
≤ 150 mΩ
résistance de bobine/coil resistance at 20 °C
R1380 ..........................
75 Ω ± 10%
-variation 10 % each 25 °C R1329 ..........................
300 Ω ± 10%
R1343 ..........................
1200 Ω ± 10%
tension de tenue/ hold-on voltage
- entre lames
/ accross contacts
7500VDC
- entre bobine et contact/ between coil and contacts
10000 VDC
résistance d'isolement/ insulation resistance
- entre lames
/ accross contacts
10 12
- entre bobine et contact/ between coil and contacts
10 12
fréquence de résonnance de l'interrupteur/ resonnance frequency of the switch 900 Hz
temps de fermeture, rebonds inclus/ operate time, bounces included
4 ms
temps d'ouverture/ release time
0,5 ms
Pour les modèles 7,5KV,nous consulter/ For 7,5KV types, please, consult us
caractéristiques physiques/ physical data
temperature de fontionnement/ operating temperature
- 25 à + 70 °C
temperature de stockage/ storage temperature
- 40 à + 85 °C
poids/ weight
28 gr. max.
chocs/shocks
50 g 11 ms
vibrations ( 50 to 500 Hz )
30 g
R1380
R1329
R1343
tension nominale/ nominal voltage
6 V
12 V
24 V
tension d'action/ operate voltage to secure the function from -25 to + 70 °C
≤ 4,4 V
≤ 8,8 V
≤ 17,6 V
tension de relachement/ release voltage
≥ 0,5 V
≥ 1 V
≥ 2 V
caractéristiques de contrôle/control data
consommation nominale à 20 °C/power dissipated on the coil at 20 °C
480 mW


Similar Part No. - R1329L13

ManufacturerPart #DatasheetDescription
logo
celduc-relais
R1329L00 CELDUC-R1329L00 Datasheet
157Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
R1329L87 CELDUC-R1329L87 Datasheet
157Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
More results

Similar Description - R1329L13

ManufacturerPart #DatasheetDescription
logo
celduc-relais
R1380L00 CELDUC-R1380L00 Datasheet
157Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
R1402L13 CELDUC-R1402L13 Datasheet
333Kb / 2P
   HIGH VOLTAGE REED RELAY/ DRY CONTACT
R029 CELDUC-R029 Datasheet
191Kb / 2P
   REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
   REED RELAY / DRY CONTACT
R054 CELDUC-R054 Datasheet
352Kb / 2P
   REED RELAY / DRY CONTACT
F51A CELDUC-F51A Datasheet
128Kb / 2P
   REED RELAY / DRY CONTACT
R011 CELDUC-R011 Datasheet
141Kb / 2P
   REED RELAY / DRY CONTACT
R055.B02 CELDUC-R055.B02 Datasheet
91Kb / 2P
   REED RELAY / DRY CONTACT
R053 CELDUC-R053 Datasheet
108Kb / 2P
   REED RELAY / DRY CONTACT
R055.B00 CELDUC-R055.B00 Datasheet
104Kb / 2P
   REED RELAY / DRY CONTACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com