Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMT3100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMT3100
Description  Low Current SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMT3100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMT3100 Datasheet HTML 1Page - Vishay Siliconix TLMT3100 Datasheet HTML 2Page - Vishay Siliconix TLMT3100 Datasheet HTML 3Page - Vishay Siliconix TLMT3100 Datasheet HTML 4Page - Vishay Siliconix TLMT3100 Datasheet HTML 5Page - Vishay Siliconix TLMT3100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLMT3100
Vishay Telefunken
1 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83041
Low Current SMD LED
Color
Type
Technology
Angle of Half Intensity
±ö
High efficiency red
TLMT3100
GaAsP on GaP
60
°
Description
These new devices have been designed to meet the
increasing demand for low current SMD LEDs.
The package of the TLMT3100 is the P–LCC–2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is surrounded with a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
D SMD LED with exceptional brightness
D Compatible with automatic placement equipment
D EIA and ICE standard package
D Compatible with infrared, vapor phase and wave
solder processes according to CECC
D Available in 8 mm tape
D Low profile package
D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Very low power consumption
D Luminous intensity ratio in one packaging unit
IVmax/IVmin x 2.0
94 8553
Applications
Automotive: backlighting in dashboards and switches
Telecommunication: indicator and backlighting in telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight for battery driven equipment
Small indicator for outdoor applications
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use


Similar Part No. - TLMT3100

ManufacturerPart #DatasheetDescription
logo
Tadiran Batteries GmbH
TLM-1520HPM TADIRN-TLM-1520HPM Datasheet
303Kb / 1P
   High power 4 Volt cell
TLM-1520HPMS TADIRN-TLM-1520HPMS Datasheet
303Kb / 1P
   High power 4 Volt cell
TLM-1520HPMT TADIRN-TLM-1520HPMT Datasheet
303Kb / 1P
   High power 4 Volt cell
TLM-1520HPMTP TADIRN-TLM-1520HPMTP Datasheet
303Kb / 1P
   High power 4 Volt cell
TLM-1530HPM TADIRN-TLM-1530HPM Datasheet
308Kb / 1P
   High power 4 Volt cell
More results

Similar Description - TLMT3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS3000-GS08 VISHAY-VLMS3000-GS08 Datasheet
158Kb / 9P
   Low Current SMD LED
Rev. 1.2, 01.-Dec-09
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMA3100 VISHAY-TLMA3100 Datasheet
77Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMC3100 VISHAY-TLMC3100 Datasheet
58Kb / 6P
   Low Current SMD LED
Rev. A2, 06-Jun-00
logo
HK TO-GRACE TECHNOLOGY ...
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
   Low Current 0603 SMD LED
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
   Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMY10J2K2-4 VISHAY-VLMY10J2K2-4 Datasheet
168Kb / 8P
   Low Current 0603 SMD LED
Rev. 1.2, 15-Mar-16
TLMY1000 VISHAY-TLMY1000_V02 Datasheet
248Kb / 12P
   Low Current 0603 SMD LED
01-Jan-2023
TLMO1000 VISHAY-TLMO1000_V01 Datasheet
204Kb / 11P
   Low Current 0603 SMD LED
01-Jan-2022
VLMS20 VISHAY-VLMS20_V01 Datasheet
350Kb / 11P
   Low Current Mini SMD LED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com