Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD1N60 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOD1N60
Description  1.3A, 600V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD1N60 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOD1N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD1N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD1N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD1N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD1N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD1N60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOD1N60 / AOU1N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
-50 to 175
0
3
6
9
12
15
02
46
8
Qg (nC)
Figure 7: Gate-Charge Characteristics
1
10
100
1000
0
1
10
100
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
200
400
600
800
1000
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
VDS=480
ID=1A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJC.RθJC
RθJC=2.8°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=175°C
TA=25°C
0.0
0.1
1.0
10.0
1
10
100
1000
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
0.1s
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD1N60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD1N60 VBSEMI-AOD1N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD1N60 ISC-AOD1N60 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD1N60 DOINGTER-AOD1N60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AOD1N60 AOSMD-AOD1N60_11 Datasheet
349Kb / 6P
   600V,1.3A N-Channel MOSFET
More results

Similar Description - AOD1N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT1N60 AOSMD-AOT1N60 Datasheet
140Kb / 5P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60_11 Datasheet
349Kb / 6P
   600V,1.3A N-Channel MOSFET
logo
Unisonic Technologies
1N50Z UTC-1N50Z Datasheet
183Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
1N50_1109 UTC-1N50_1109 Datasheet
177Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFD120 INTERSIL-IRFD120 Datasheet
52Kb / 6P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com