Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQS40A241V8RAKJ Datasheet(PDF) 4 Page - Emerson Network Power

Part # LQS40A241V8RAKJ
Description  Quarter-Brick Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQS40A241V8RAKJ Datasheet(HTML) 4 Page - Emerson Network Power

  LQS40A241V8RAKJ Datasheet HTML 1Page - Emerson Network Power LQS40A241V8RAKJ Datasheet HTML 2Page - Emerson Network Power LQS40A241V8RAKJ Datasheet HTML 3Page - Emerson Network Power LQS40A241V8RAKJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
High Current, High Efficiency, Low Profile
4
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheets
www.artesyn.com
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
RECOMMENDED HOLE PATTERN
CLEARANCE
(See Option Table)
HEIGHT
(See Option Table)
0.188 (4.78)
2.30 (58.4)
0.300
(7.62)
1.45
(36.8)
ø 0.040
±0.002
(
ø1.02
±0.05)
(6 pls)
ø0.062
±0.002
(
ø1.57
±0.05)
(4 pls)
0.150
(3.81)
2.000 (50.80)
0.15
(3.8)
TOP VIEW
0.118
(3.00)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
x.xx
±0.02 (x.x ±0.5)
x.xxx
±0.010 (x.xx ±0.25)
ø 0.058
±0.008
(
ø1.47
±0.02) (6 pls)
Ref IPC-2222 Level B
2.000 (50.80)
2.30 (58.4)
0.15
(3.8)
0.118
(3.00)
0.300
(7.62)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
ø 0.074
±0.003
(
ø1.88
±0.08) (4 pls)
Ref IPC-2222 Level B
0.150
(3.81)
1.45
(36.8)
0.150
(3.81)
0.150
(3.81)
Quarter-Brick Series
Single output
48 V Mechanical Drawing for Output Current Greater than 50 A
“The Double P” Pinout (7)
PIN CONNECTIONS
PIN NUMBER
FUNCTION
PIN NUMBER
FUNCTION
1
+Vin
6
-Sense
2
ON/OFF
7
Trim
3
-Vin
8
+Sense
4
-Vout
9
+Vout
5
-Vout
10
+Vout
Pin Connection Table
Dimension Options Table
DIMENSION OPTIONS
OPTION
CLEARANCE
HEIGHT
±0.016 (0.41)
+0.022 (0.56)
-0.030 (0.76)
A
0.030 (0.76)
0.300 (7.62)
E
0.070 (1.78)
0.340 (8.64)


Similar Part No. - LQS40A241V8RAKJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LQS40A48-5V0GJ ARTESYN-LQS40A48-5V0GJ Datasheet
517Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
LQS40A48-5V0J EMERSON-NETWORKPOWER-LQS40A48-5V0J Datasheet
145Kb / 4P
   High Current, High Efficiency, Low Profile
logo
Artesyn Technologies
LQS40A48-5V0J ARTESYN-LQS40A48-5V0J Datasheet
517Kb / 5P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - LQS40A241V8RAKJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
DATEL, Inc.
QBR_17 DATEL-QBR_17_10 Datasheet
1Mb / 21P
   Railway Quarter-Brick QBR Series
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com