Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPI1000L Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # OPI1000L
Description  Optically Coupled Isolators Surface Mount Low Profile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

OPI1000L Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  OPI1000L Datasheet HTML 1Page - Bedford Opto Technology Ltd. OPI1000L Datasheet HTML 2Page - Bedford Opto Technology Ltd. OPI1000L Datasheet HTML 3Page - Bedford Opto Technology Ltd. OPI1000L Datasheet HTML 4Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ABSOLUTE MAXIMUM RATINGS (25OC unless otherwise noted)
INPUT DIODE
FORWARD DC CURRENT
REVERSE DC VOLTAGE
POWER DISSIPATION
100mA
5 Volts
OUTPUT TRANSISTOR
COLLECTOR-EMITTER VOLTAGE
COLLECTOR CURRENT
POWER DISSIPATION
35 Volts
15 mA
OPERATING TEMP
-25OC TO +100OC
STORAGE TEMP
-25OC TO +100OC
INPUT-TO-OUTPUT ISOLATION VOLTAGE
+ 10KV DC (i)
i)
Measured with the input leads and output leads shorted together for one min.
ii)
Thermal resistance 375 K/W
iii)
Thermal resistance 450 K/W
Whilst the devices are capable of operating continually at the noted elevated temperatures users
should be aware of the possibility of a reduction in CTR over long periods at high temperatures
& currents.
Packing
Waffle Trays - 100 per tray 290mm x 200mm.
Tape & Reel - 400 Devices per 13” Diam Reel with 7” HuB 32mm Wide tape.
OPI 1000L
2/4
RECOMMENDED FOOTPRINT
2.64
1.32
0.5
18.70
12.20
3.68
15.64
PAD CENTRES
14.10.06 ISS K
Pb
This
component
is RoHS
compliant


Similar Part No. - OPI1000L

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
OPI1000L BOT-OPI1000L Datasheet
317Kb / 6P
   Optically Coupled Isolators Surface Mount Low Profile
OPI1000L BOT-OPI1000L_12 Datasheet
317Kb / 6P
   Optically Coupled Isolators Surface Mount Low Profile
More results

Similar Description - OPI1000L

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
OPI1000L BOT-OPI1000L_12 Datasheet
317Kb / 6P
   Optically Coupled Isolators Surface Mount Low Profile
logo
OPTEK Technologies
OPI1264 OPTEK-OPI1264 Datasheet
248Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI2150 OPTEK-OPI2150 Datasheet
99Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI3153 OPTEK-OPI3153 Datasheet
88Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPL7320 OPTEK-OPL7320 Datasheet
260Kb / 2P
   Optically Coupled Isolators
OPI3151 OPTEK-OPI3151 Datasheet
87Kb / 2P
   Optically Coupled Isolators
OPI2151 OPTEK-OPI2151 Datasheet
98Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI3152 OPTEK-OPI3152 Datasheet
88Kb / 2P
   OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
CNG35 ETC-CNG35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
logo
OPTEK Technologies
OPI102 OPTEK-OPI102 Datasheet
82Kb / 2P
   OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com