Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLUY240 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLUY240
Description  Universal LED, 1.8 mm Tinted Diffused Miniplast Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUY240 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLUY240 Datasheet HTML 1Page - Vishay Siliconix TLUY240 Datasheet HTML 2Page - Vishay Siliconix TLUY240 Datasheet HTML 3Page - Vishay Siliconix TLUY240 Datasheet HTML 4Page - Vishay Siliconix TLUY240 Datasheet HTML 5Page - Vishay Siliconix TLUY240 Datasheet HTML 6Page - Vishay Siliconix TLUY240 Datasheet HTML 7Page - Vishay Siliconix TLUY240 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLU.240.
Vishay Telefunken
3 (8)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83053
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
95 9983
Figure 1 Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 10091
50
Green, Yellow
Orange-Red
Red
Figure 2 Forward Current vs. Ambient Temperature
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 10092
Red
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tambv55°C
Figure 3 Forward Current vs. Pulse Length
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 10093
Green, Yellow
Orange-Red
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tambv55°C
Figure 4 Forward Current vs. Pulse Length
0.4
0.2
0
0.2
0.4
0.6
95 10094
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 5 Rel. Luminous Intensity vs.
Angular Displacement
1
1.5
2
2.5
3
95 10073
0.1
1
10
100
1000
VF – Forward Voltage ( V )
Red
tp/T=0.001
tp=10ms
Figure 6 Forward Current vs. Forward Voltage


Similar Part No. - TLUY240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUY240 VISHAY-TLUY240 Datasheet
385Kb / 9P
   Universal LED, 횠 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2022
TLUY240. VISHAY-TLUY240. Datasheet
416Kb / 8P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2022
TLUY240. VISHAY-TLUY240. Datasheet
416Kb / 8P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2023
TLUY2400 VISHAY-TLUY2400 Datasheet
416Kb / 8P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2022
TLUY2400 VISHAY-TLUY2400 Datasheet
416Kb / 8P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2023
More results

Similar Description - TLUY240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR240 VISHAY-TLUR240_V01 Datasheet
762Kb / 5P
   Universal LED, 횠 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2022
TLUR2401 VISHAY-TLUR2401_V02 Datasheet
761Kb / 5P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2023
TLUO2401 VISHAY-TLUO2401 Datasheet
416Kb / 8P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2022
TLUY240 VISHAY-TLUY240_V01 Datasheet
385Kb / 9P
   Universal LED, 횠 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2022
TLUG240 VISHAY-TLUG240_V02 Datasheet
416Kb / 8P
   Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
01-Jan-2023
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
   Universal LED in ∅ 5 mm Tinted Diffused Package
Rev. 1.6, 31-Aug-04
TLUR5401 VISHAY-TLUR5401 Datasheet
164Kb / 6P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com