Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSAL6200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSAL6200
Description  GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL6200 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSAL6200 Datasheet HTML 1Page - Vishay Siliconix TSAL6200 Datasheet HTML 2Page - Vishay Siliconix TSAL6200 Datasheet HTML 3Page - Vishay Siliconix TSAL6200 Datasheet HTML 4Page - Vishay Siliconix TSAL6200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSAL6200
Vishay Telefunken
3 (5)
Rev. 6, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81010
tp – Pulse Duration ( ms )
96 11987
100
101
101
10–1
10–1
100
102
10–2
tp / T = 0.01
IFSM = 1 A ( Single Pulse )
0.05
0.1
0.5
1.0
Figure 3. Pulse Forward Current vs. Pulse Duration
01
2
3
VF – Forward Voltage ( V )
4
13600
101
100
102
103
104
tp = 100 ms
tp / T = 0.001
Figure 4. Forward Current vs. Forward Voltage
0
20
406080
0.7
0.8
0.9
1.0
1.1
1.2
Tamb – Ambient Temperature ( °C )
100
94 7990 e
IF = 10 mA
Figure 5. Relative Forward Voltage vs.
Ambient Temperature
13601
103
101
102
104
100
0.1
1
10
1000
100
IF – Forward Current ( mA )
Figure 6. Radiant Intensity vs. Forward Current
IF – Forward Current ( mA )
13602
103
101
102
104
100
0.1
1
10
1000
100
Figure 7. Radiant Power vs. Forward Current
–10
10
50
0
100
0
0.4
0.8
1.2
1.6
Tamb – Ambient Temperature ( °C )
140
94 7993 e
IF = 20 mA
Figure 8. Rel. Radiant Intensity\Power vs.
Ambient Temperature


Similar Part No. - TSAL6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6200 VISHAY-TSAL6200 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6200 VISHAY-TSAL6200 Datasheet
103Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 2.2, 22-Jun-09
TSAL6200 VISHAY-TSAL6200 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.4, 13-Mar-14
TSAL6200 VISHAY-TSAL6200 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6200 VISHAY-TSAL6200 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Similar Description - TSAL6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 4, 20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
logo
TEMIC Semiconductors
TSIL6400 TEMIC-TSIL6400 Datasheet
111Kb / 5P
   GaAs/GaAlAs IR Emitting Diodes in 첩 5 mm Package
logo
Vishay Siliconix
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com