Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC4357CMS8-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4357CMS8-PBF
Description  Positive High Voltage Ideal Diode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357CMS8-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4357CMS8-PBF Datasheet HTML 3Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 4Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 5Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 6Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 7Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 8Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 9Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 10Page - Linear Technology LTC4357CMS8-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4357
7
4357fb
MOSFET Selection
The LTC4357 drives an N-channel MOSFET to conduct
the load current. The important features of the MOSFET
are on-resistance, RDS(ON), the maximum drain-source
voltage, VDSS, and the gate threshold voltage.
Gate drive is compatible with 4.5V logic-level MOSFETs in
low voltage applications (VDD = 9V to 20V). At higher volt-
ages (VDD = 20V to 80V) standard 10V threshold MOSFETs
may be used. An internal clamp limits the gate drive to 15V
between the GATE and IN pins. An external zener clamp
may be added between GATE and IN for MOSFETs with a
VGS(MAX) of less than 15V.
The maximum allowable drain-source voltage, BVDSS,
must be higher than the power supply voltage. If an input
is connected to GND, the full supply voltage will appear
across the MOSFET.
ORing Two Supply Outputs
Where LTC4357s are used to combine the outputs of two
power supplies, the supply with the highest output voltage
sources most or all of the load current. If this supply’s
output is quickly shorted to ground while delivering load
current, the flow of current temporarily reverses and
flows backwards through the LTC4357’s MOSFET. When
the reverse current produces a voltage drop across the
MOSFET of more than –25mV, the LTC4357’s fast pull-down
activates and quickly turns off the MOSFET.
If the other, initially lower, supply was not delivering load
current at the time of the fault, the output falls until the
body diode of its ORing MOSFET conducts. Meanwhile,
the LTC4357 charges its MOSFET gate with 20μA until the
forward drop is reduced to 25mV. If instead this supply was
delivering load current at the time of the fault, its associ-
ated ORing MOSFET was already driven at least partially
on, and the LTC4357 will simply drive the MOSFET gate
harder in an effort to maintain a drop of 25mV.
When the capacitances at the input and output are very
small, rapid changes in current can cause transients that
exceed the 100V Absolute Maximum Rating of the IN, OUT,
and VDD pins. A surge suppressor (TransZorb or TVS) con-
nected from OUT to ground clamps the output and prevents
APPLICATIONS INFORMATION
damage by limiting the magnitude of the peak voltage. In
the absence of a surge suppressor, an output capacitance
of 10μF is sufficient in most applications to prevent the
transient from exceeding 100V. In lower voltage applica-
tions, the MOSFET’s drain-source breakdown voltage may
be sufficient to protect the LTC4357 provided BVDSS + VIN
< 100V, making a surge suppressor unnecessary.
Load Sharing
The application in Figure 1 combines the outputs of multiple,
redundant supplies using a simple technique known as
droop sharing. Load current is first taken from the highest
output, with the low outputs contributing as the output
voltage falls under increased loading. The 25mV regulation
technique ensures smooth load sharing between outputs
without oscillation. The degree of sharing is a function of
RDS(ON), the output impedance of the supplies and their
initial output voltages.
Figure 1. Droop Sharing Redundant Supplies
4357 F01
LTC4357
GND
IN
OUT
VDD
GATE
FDB3632
48V BUS
LTC4357
GND
IN
OUT
VDD
GATE
FDB3632
LTC4357
GND
IN
OUT
VDD
PS1
VINA
48V
RTNA
GATE
FDB3632
PS2
VINB
48V
RTNA
PS3
VINC
48V
RTNA


Similar Part No. - LTC4357CMS8-PBF

ManufacturerPart #DatasheetDescription
Linear Technology
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
Analog Devices
Analog Devices
LTC4357 AD-LTC4357 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results

Similar Description - LTC4357CMS8-PBF

ManufacturerPart #DatasheetDescription
Linear Technology
Linear Technology
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
ON Semiconductor
ON Semiconductor
NCV68261 ONSEMI-NCV68261 Datasheet
417Kb / 17P
   Ideal Diode and High Side Switch NMOS Controller
May, 2022 ??Rev. 1
Linear Technology
Linear Technology
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com