Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG900200 Datasheet(PDF) 2 Page - celduc-relais

Part # SG900200
Description  MOTOR REVERSER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SG900200 Datasheet(HTML) 2 Page - celduc-relais

  SG900200 Datasheet HTML 1Page - celduc-relais SG900200 Datasheet HTML 2Page - celduc-relais SG900200 Datasheet HTML 3Page - celduc-relais SG900200 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S/MOT/SG900200/B/11/10/2001
page 2 / 4 F/GB
Plage de tension de commande / Control voltage range
Uc
12-30VDC
Plage de courant de commande / Control current range
Ic
15-25mADC
Tension de non fonctionnement/ Release voltage
Ur
6VDC
LED de visualisation / Display LED
externe/external
protection en cas de cdes simultanées / protection against simultaneous controls
oui/Yes
tension inverse maxi / Maximum reverse voltage
Urv
30V
temporisation inversion / Reversing time
fixe/fixed 70ms
Caractéristiques générales / General characteristics
Unit
Plage de température de stockage / Storage temperature range
-40 / +100
°C
Plage de température de fonctionnement/Operating temperature range
-40 / +100
°C
Caractéristiques d'entrée-sortie (à 20
°C) / Input-output characteristics (at 20
°C)
Unit
Isolement entrée-sortie/Input-output isolation @500m
Ui
3300
VRMS
Isolement sortie-semelle/Output-case isolation @500m
Ui
3300
VRMS
Tension assignée isolement/rated impulse voltage
Uimp
4000
V
Développé conformément aux normes / Designed in compliance with standards:
->EN60947-4-2 (V.D.E. 0660 part 109, I.E.C. 158-2)
->EN60947-1 & A11
->EN60950 (V.D.E. 0805-> office equipment) (Pending approval)
->U.L. 508 (Pending approval)
->c.U.L (Pending approval)
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
r
e
l
a
i
s
Tension nominale/ Standard mains voltage
Ue
400 VAC
Plage de tension de fonctionnement / Mains voltage range
Un
24-520VAC
tension crête non répétitive/ Non-repetitive maximum peak voltage
Up
1600V
Courant AC-53 maxi/ Max. nom. current (AC53a=AC3) @40
°C
Ie
8,5A
Puissance moteur/ 3 pole power motor ( 3x400VAC)
Pn
4kW/5,5hp
Chute directe / Max Direct voltage drop (@Ie)
Ud
1,4VRMS
Courant crête non répétitif/ Non repetitive overload current
(@ 1 cycle of 10ms)
ITSM
550A
I2t value/ Melting limit (choice of fuse) @10ms
I
2t
1500 A
2s
Courant minimal de charge / Minimum load current
Imin
100 mA
facteur de puissance/ Power factor (@ Ith)
Pf
0 up to 1
Temps d'ouverture et de temporisation/ Turn on time-reversing time(@50Hz)
ton/trv
20ms / 100ms
Temps d'ouverture/ Turn off time (@50Hz)
toff
10ms
Courant de fuite /Maximum leakage current (@Ue/50Hz)
Ilk
5 mARMS
dv/dt / Max off state voltage rise
dv/dt
500V/
µs
Fréquence de réseau / Operating frequency range
f
25 up to 440Hz


Similar Part No. - SG900200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG90 LITTELFUSE-SG90 Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
logo
List of Unclassifed Man...
SG90 ETC-SG90 Datasheet
124Kb / 2P
   9 g Micro Servo
SG901-1039 ETC2-SG901-1039 Datasheet
654Kb / 11P
   SG901-1039 Miniature Wi-Fi Radio
SG901-1066 ETC2-SG901-1066 Datasheet
241Kb / 3P
   SG901-1066 Integrated Wi-Fi Antenna
More results

Similar Description - SG900200

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SG969100 CELDUC-SG969100 Datasheet
186Kb / 5P
   MOTOR REVERSER
SV969300 CELDUC-SV969300 Datasheet
187Kb / 5P
   MOTOR REVERSER
SV969500 CELDUC-SV969500 Datasheet
392Kb / 5P
   MOTOR REVERSER
SG969300 CELDUC-SG969300 Datasheet
180Kb / 4P
   MOTOR REVERSER
SG969500E CELDUC-SG969500E Datasheet
291Kb / 4P
   MOTOR REVERSER
SW960330 CELDUC-SW960330 Datasheet
177Kb / 5P
   INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
SW961230 CELDUC-SW961230 Datasheet
192Kb / 5P
   INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
logo
Schneider Electric
LU6MB0B SCHNEIDER-LU6MB0B Datasheet
137Kb / 3P
   Reverser block for side mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
LU6MB0BL SCHNEIDER-LU6MB0BL Datasheet
107Kb / 3P
   Reverser block for side mounting, TeSys Ultra, 38A/690V, coil 24VDC
May 11, 2022
LU2MB0B SCHNEIDER-LU2MB0B Datasheet
162Kb / 3P
   Reverser block for vertical mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com