Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZP-5026Z-EVB1 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SZP-5026Z-EVB1
Description  4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-5026Z-EVB1 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SZP-5026Z-EVB1 Datasheet HTML 1Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 2Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 3Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 4Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 5Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-5026Z-EVB1 Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
1 of 14
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SZP-5026Z
4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
RFMD’s SZP-5026Z is a high-linearity, single-stage, class AB Heterojunction Bipolar
Transistor (HBT) power amplifier. It is designed with InGaP-on-GaAs device technol-
ogy and fabricated with MOCVD for an ideal combination of low cost and high reli-
ability. This product is specifically designed for use as a driver or final stage power
amp for 802.16 equipment in the 4.9GHz to 5.9GHz bands. It is pre-matched on
both ports to simplify external application circuit design. It features an input power
detector, on/off power control, ESD protection, excellent overall robustness, and a
hand reworkable and thermally enhanced surface-mount SOF-26 package.
Active Bias
RFIN
RFOUT
Power
Detector
Vbias
Power
Up/Down
Control
Vcc
SZP-5026
P1dB=33dBm @ 5V
802.11a 54Mb/s Class AB Per-
formance
POUT=25dBm @ 2.5% EVM,
5.9GHz, 5V, 680mA
On-Chip Input Power Detector
Internally Prematched Input and
Output
Proprietary Low Thermal Resis-
tance Package
Power Up/Down Control<1
μs
Applications
802.16 WiMAX Driver or Output
Stage
5GHz 802.11 WLAN and ISM
Applications
EDS-105366 Rev C
Preliminary
RFMD Green, RoHS Compliant, Pb-Free
Package: Proprietary SOF-26
SZP-5026Z
4.9GHz to
5.9GHz 2W
InGaP Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
4900
5900
MHz
Output Power at 1dB Compression
32.5
dBm
5.9GHz
Small Signal Gain
8.8
dBm
5.9GHz
EVM at 25dBm Output Power
2.5
%
5.9GHz, 802.11a 54Mb/s
Third Order Suppression
-45.0
dBc
5.9GHz, POUT=23dBm per tone
Noise Figure
5.4
dB
5.9GHz
Worst Case Input Return Loss
19.0
dB
5.7GHz to 5.9GHz
Worst Case Output Return Loss
13.0
dB
5.7GHz to 5.9GHz
Output Voltage Range
0.8
2.0
V
POUT=10dBm to 33dBm
Quiescent Current
602
mA
VCC=5V
Power Up Control Current
2.7
mA
VPC=5V
VCC Leakage Current
100
μAVCC=5V, VPC=0V
Thermal Resistance
14.0
°C/W
Junction-to-Lead
Test Conditions: Z0=50Ω, VCC=5V, IQ=602mA, TBP=30°C


Similar Part No. - SZP-5026Z-EVB1

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
More results

Similar Description - SZP-5026Z-EVB1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com