Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT14N50 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOT14N50
Description  500V, 14A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT14N50 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOT14N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AOT14N50 / AOTF14N50
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
200
16
0.1
1
10
100
24
68
10
VGS(Volts)
Figure 2: Transfer Characteristics
-55°C
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=10V
ID=7A
0.8
0.9
1
1.1
1.2
-100
-50
0
50
100
150
200
TJ (
oC)
Figure 5: Break Down vs. Junction Temperature
25°C
125°C
VDS=40V
VGS=10V
0
5
10
15
20
25
30
0
5
10
15
20
25
30
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=5.5V
6V
10V
6.5V
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOT14N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT14N50 VBSEMI-AOT14N50 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT14N50 ISC-AOT14N50 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOT14N50FD ISC-AOT14N50FD Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT14N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com