Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO445120 Datasheet(PDF) 5 Page - celduc-relais

Part # SO445120
Description  Phase angle controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SO445120 Datasheet(HTML) 5 Page - celduc-relais

  SO445120 Datasheet HTML 1Page - celduc-relais SO445120 Datasheet HTML 2Page - celduc-relais SO445120 Datasheet HTML 3Page - celduc-relais SO445120 Datasheet HTML 4Page - celduc-relais SO445120 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
page 5 / 5F/GB
S/MON/SO445120/B/24/05/2007
okpac
Montage /Mounting:
−>
Les relais statiques de la gamme okpac doivent être montés sur dissipateur thermique.
Une gamme étendue de dissipateurs est disponible.
Voir exemples ci dessous et la gamme "WF" sur www.celduc.com.
okpac SSRs must be mounted on heatsinks. A large range of heatsinks is available.
See below some examples and "WF" range on www.celduc.com.
−>
Pour le montage du relais sur dissipateur utiliser de la graisse thermique ou un "thermal pad" haute performance spécifié par celduc
.Une
version autocollante précollée sur le relais est aussi disponible: nous consulter / For heatsink mounting, it is necessary to use thermal
grease
or thermal pad with high thermal conductibility specified by celduc. An adhesive model mounted bycelduc on the SSR is al-
so
available: please contact us.
Applications
Thermal pad :
5TH21000
WF151200
(2-2,5 K/W)
WF108110
( 1,1 K/W)
M4x12mm
1,2N.m
Thermal grease or pad
Load
Phase
Neutral
Alimentation
Supply
8-30V dc
Entrée
analogique
Analog input
0-5V dc
r
e
l
a
i
s
celduc


Similar Part No. - SO445120

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SO445020 CELDUC-SO445020 Datasheet
962Kb / 5P
   Phase angle controller
SO445320 CELDUC-SO445320 Datasheet
965Kb / 5P
   Phase angle controller
SO445420 CELDUC-SO445420 Datasheet
917Kb / 5P
   Phase angle controller
More results

Similar Description - SO445120

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SO465320 CELDUC-SO465320 Datasheet
968Kb / 5P
   Phase angle controller
SO468020 CELDUC-SO468020 Datasheet
962Kb / 5P
   Phase angle controller
SO468120 CELDUC-SO468120 Datasheet
962Kb / 5P
   Phase angle controller
SO469120 CELDUC-SO469120 Datasheet
963Kb / 5P
   Phase angle controller
SO445020 CELDUC-SO445020 Datasheet
962Kb / 5P
   Phase angle controller
SO445420 CELDUC-SO445420 Datasheet
917Kb / 5P
   Phase angle controller
SO465420 CELDUC-SO465420 Datasheet
919Kb / 5P
   Phase angle controller
SO467420 CELDUC-SO467420 Datasheet
919Kb / 5P
   Phase angle controller
SO468420 CELDUC-SO468420 Datasheet
919Kb / 5P
   Phase angle controller
SO445320 CELDUC-SO445320 Datasheet
965Kb / 5P
   Phase angle controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com