Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO465420 Datasheet(PDF) 1 Page - celduc-relais

Part # SO465420
Description  Phase angle controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SO465420 Datasheet(HTML) 1 Page - celduc-relais

  SO465420 Datasheet HTML 1Page - celduc-relais SO465420 Datasheet HTML 2Page - celduc-relais SO465420 Datasheet HTML 3Page - celduc-relais SO465420 Datasheet HTML 4Page - celduc-relais SO465420 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
r
e
l
a
i
s
page 1 / 5F/GB
S/MON/SO465420/A/16/01/2006
Gradateur angle de phase
Phase angle controller
SO465420
okpac
Output : 200-480VAC 50A
Analog Input : 4-20mA
❏ Relais statique à entrée analogique permettant un contrôle en
puissance de charge résistive par une variation en angle de phase
Analog switching Solid State Relay works for resitive load power
control in accordance with the phase angle principle.
❏ Gamme en courant des SO4 : 35 à 125A
SO4. current range : 35 to 125A
❏ Protection contre les surtensions par varistor intégré
Overvoltage protection by varistor.
❏ Plage de fréquence réseau :40 à 70 Hz auto-adaptable
Main frequency range : 40 to 70Hz with self adaptation
❏ Entreé analogique 4-20mA (@Uc<7V) et led de visualisation
4-20mA control current and Green LED visualization on the input.
❏ Construit en conformité aux normes EN60947-4-3 (IEC947-4-3)
et EN60950/VDE0805 (Isolement renforcé)
Designed in conformity with EN60947-4-3 (IEC947-4-3)
and EN60950/VDE0805 (Reinforced Insulation)
❏ Protection IP20 par volets sur les bornes.
IP20 protection by flaps on terminals.
IP20
Application typique / Typical application:
10kW resistance (AC-51) - 230 VAC 50hz
(*) : Thermo Mechanical Stress Solution
Dimensions :
4-20mA
- 1/L1 et 2/T1 peuvent être inversées.
1/L1 and 2/T1 can be swapped.
- Le relais doit être monté sur dissipateur thermique.
SSR must be mounted on heatsink
Microcontroller Inside


Similar Part No. - SO465420

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SO465020 CELDUC-SO465020 Datasheet
962Kb / 5P
   Phase angle controller
SO465320 CELDUC-SO465320 Datasheet
968Kb / 5P
   Phase angle controller
More results

Similar Description - SO465420

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SO445120 CELDUC-SO445120 Datasheet
962Kb / 5P
   Phase angle controller
SO465320 CELDUC-SO465320 Datasheet
968Kb / 5P
   Phase angle controller
SO468020 CELDUC-SO468020 Datasheet
962Kb / 5P
   Phase angle controller
SO468120 CELDUC-SO468120 Datasheet
962Kb / 5P
   Phase angle controller
SO469120 CELDUC-SO469120 Datasheet
963Kb / 5P
   Phase angle controller
SO445020 CELDUC-SO445020 Datasheet
962Kb / 5P
   Phase angle controller
SO445420 CELDUC-SO445420 Datasheet
917Kb / 5P
   Phase angle controller
SO467420 CELDUC-SO467420 Datasheet
919Kb / 5P
   Phase angle controller
SO468420 CELDUC-SO468420 Datasheet
919Kb / 5P
   Phase angle controller
SO445320 CELDUC-SO445320 Datasheet
965Kb / 5P
   Phase angle controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com