Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO765090 Datasheet(PDF) 4 Page - celduc-relais

Part # SO765090
Description  Power Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SO765090 Datasheet(HTML) 4 Page - celduc-relais

  SO765090 Datasheet HTML 1Page - celduc-relais SO765090 Datasheet HTML 2Page - celduc-relais SO765090 Datasheet HTML 3Page - celduc-relais SO765090 Datasheet HTML 4Page - celduc-relais SO765090 Datasheet HTML 5Page - celduc-relais SO765090 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
page 4 / 6F/GB
S/MON/SO765090/B/01/03/2005
okpac
okpac
Raccordement d'entrée / Control wiring
Nombre de fils / Number of wires
Modèle de tournevis /
Screwdriver type
Couple de serrage
recommandé
1
2
Recommended Torque
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
M4
N.m
0,75 ... 2,5 mm
2
AWG18....AWG14
0,75 ... 2,5 mm
2
AWG18....AWG14
0,75 ... 2,5 mm
2
AWG18....AWG14
0,75 ... 2,5 mm
2
AWG18....AWG14
POZIDRIV 2
1,2
okpac
Raccordement de puissance / Power wiring
Nombre de fils / Number of wires
Modèle de tournevis /
Screwdriver type
Couple de serrage
recommandé
1
2
Recommended Torque
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
M5
N.m
1,5 ... 10 mm
2
AWG16....AWG8
1,5 ... 6 mm
2
AWG16....AWG10
1,5 ... 10 mm
2
AWG16....AWG8
1,5 ... 6 mm
2
AWG16....AWG10
POZIDRIV 2
2
Raccordement / Connections
celduc
Options : FASTONS : Nous consulter/ Consult us
KIT adaptation fort courant / Special kit for high current:
1LK00700
35mm2 (AWG2)
50mm2 (AWG0)
Pour les forts courants, le volet doit être enlevé (perte IP20).
For high currents, power flap must be removed ( no IP20)
Puissance avec cosses / Power with ring
terminals.
W max =12,6mm
16 mm2 (AWG6)
25 mm2 (AWG4)
35mm2 (AWG2 /AWG3)
50mm2 (AWG0 /AWG1)
Des cosses et kits d'adaptation peuvent être fournis :
voir relais forte puissance et documentation connexion
forte puissance/ Suitable ring terminals and special kit
for high current can be delivered: see high power SSR
and data-sheet for power connexion.
Directement avec fils avec ou sans embouts/
Direct connection with wires with or without ferrules
Avec cosses/
With ring terminals


Similar Part No. - SO765090

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SO763090 CELDUC-SO763090 Datasheet
963Kb / 6P
   Power Solid State Relay
SO767090 CELDUC-SO767090 Datasheet
965Kb / 6P
   Power Solid State Relay
SO768090 CELDUC-SO768090 Datasheet
992Kb / 6P
   Power Solid State Relay
SO769090 CELDUC-SO769090 Datasheet
992Kb / 6P
   Power Solid State Relay
More results

Similar Description - SO765090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
   Power Solid State Relay
SC968160 CELDUC-SC968160 Datasheet
98Kb / 2P
   Power Solid State Relay
SCF42160-E CELDUC-SCF42160-E Datasheet
82Kb / 2P
   Power Solid State Relay
SU867070 CELDUC-SU867070 Datasheet
711Kb / 7P
   Power Solid State Relay
SO963560 CELDUC-SO963560 Datasheet
937Kb / 5P
   Power Solid State Relay
SO965560WF CELDUC-SO965560WF Datasheet
493Kb / 5P
   Power Solid State Relay
SO967560 CELDUC-SO967560 Datasheet
937Kb / 5P
   Power Solid State Relay
SU942460 CELDUC-SU942460 Datasheet
691Kb / 7P
   Power Solid State Relay
SU965460 CELDUC-SU965460 Datasheet
703Kb / 7P
   Power Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com