Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO887060 Datasheet(PDF) 1 Page - celduc-relais

Part # SO887060
Description  Power Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SO887060 Datasheet(HTML) 1 Page - celduc-relais

  SO887060 Datasheet HTML 1Page - celduc-relais SO887060 Datasheet HTML 2Page - celduc-relais SO887060 Datasheet HTML 3Page - celduc-relais SO887060 Datasheet HTML 4Page - celduc-relais SO887060 Datasheet HTML 5Page - celduc-relais SO887060 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
r
e
l
a
i
s
page 1 / 6F/GB
S/MON/SO887060/C/6/02/2006
Relais statique monophasé
de puissance
Power Solid State Relay
SO887060
okpac
Output : 24-690VAC 75A
Input : 3,5-32VDC
❏ Relais statique synchrone Haute tension : 1600Vpic
High voltage Zero Cross Solid State Relay : 1600Vpeak
❏ Sortie thyristors technologie TMS2 (*) permettant une longue durée
de vie : 24 à 690VAC 75A.
Back to back thyristors on output with TMS2 (*) technology for a
long lifetime expectancy : 24 to 690VAC 75A.
❏ Très faible niveau de synchronisme
Very low zero cross voltage.
❏ Large plage de contrôle: 3,5 - 32VDC avec un courant de
commande régulé.
LED de visualisation sur l'entrée de couleur verte.
Protection en tension sur l'entrée (transil)
Large control range:
3,5-32VDC with input current limiter.
Green LED visualization on the input.
Over-voltage protection on input (transil)
❏ Construit en conformité aux normes EN60947-4-3 (IEC947-4-3)
et EN60950/VDE0805 (Isolement renforcé) -UL-cUL
Designed in conformity with EN60947-4-3 (IEC947-4-3)
and EN60950/VDE0805 (Reinforced Insulation) -UL-cUL
❏ Protection IP20 par volets sur les bornes.
IP20 protection by flaps on terminals.
- 1/L1 et 2/T1 peuvent être inversées.
1/L1 and 2/T1 can be swapped.
- Le relais doit être monté sur dissipateur thermique.
SSR must be mounted on heatsink
IP20
(*) : Thermo Mechanical Stress Solution
Application typique / Typical application:
50kW resistance (AC-51) - 690 VAC 50hz
Autres charges en particulier capacités (AC-56b): voir page 5
Other loads like capacitors (AC-56b) : see page 5
Dimensions :


Similar Part No. - SO887060

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SO885060 CELDUC-SO885060 Datasheet
906Kb / 6P
   Power Solid State Relay
SO885960 CELDUC-SO885960 Datasheet
932Kb / 6P
   Power Solid State Relay
SO888060 CELDUC-SO888060 Datasheet
930Kb / 6P
   Power Solid State Relay
SO889060 CELDUC-SO889060 Datasheet
930Kb / 6P
   Power Solid State Relay
More results

Similar Description - SO887060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
   Power Solid State Relay
SC968160 CELDUC-SC968160 Datasheet
98Kb / 2P
   Power Solid State Relay
SCF42160-E CELDUC-SCF42160-E Datasheet
82Kb / 2P
   Power Solid State Relay
SU867070 CELDUC-SU867070 Datasheet
711Kb / 7P
   Power Solid State Relay
SO963560 CELDUC-SO963560 Datasheet
937Kb / 5P
   Power Solid State Relay
SO965560WF CELDUC-SO965560WF Datasheet
493Kb / 5P
   Power Solid State Relay
SO967560 CELDUC-SO967560 Datasheet
937Kb / 5P
   Power Solid State Relay
SU942460 CELDUC-SU942460 Datasheet
691Kb / 7P
   Power Solid State Relay
SU965460 CELDUC-SU965460 Datasheet
703Kb / 7P
   Power Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com