Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD03-15S4A Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # FDD03-15S4A
Description  DC - DC CONVERTER 2.5 ~ 3W WITH REMOTE FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD03-15S4A Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD03-15S4A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD03-15S4A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD03-15S4A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD03-15S4A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
FDD03 SERIES
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
50
KHz
1,500
VDC
1G
-25
+ 71
oC
+ 90
oC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Temperature coefficient
Ripple & noise
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
Vi nom, Io nom
Vi nom, Io nom, BW = 20MHz
typ.
max.
Efficiency
Vi nom, Io nom, Po / Pi
OUTPUT SPECIFICATIONS
0
20
%
%
%
%
2
1
2
5
%
0.02
o
% / C
mV
Up to 75%, See model list
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Storage temperature
Non operational
-40
+100
oC
No load input current
Input voltage w/o damage
24V models
48V models
48
12
8
40
75
VDC
VDC
mA
mA
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
9
18
24
48
36
72
VDC
VDC
INPUT SPECIFICATIONS
Ta min... Ta max, Io nom
Io = 0
Io nom
24V models
48V models
150
%
Remote ON / OFF
CONTROL AND PROTECTION
ON: opened or 5 ~ 10VDC applied, reference to input GND
OFF: -0.3 ~ 2VDC applied, reference to input GND
WITH REMOTE FUNCTION
Derating
Vi nom
o
% / C
See derating curve
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
sales@chinfa.com
Dimension
L20.3 x W31.8 x H12.7
mm
Cooling
Free air convection
Case material
Plastic
GENERAL
2007.08.30


Similar Part No. - FDD03-15S4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD03-15S4 ETC1-FDD03-15S4 Datasheet
447Kb / 4P
   DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
logo
Chinfa Electronics Ind....
FDD03-15S4 CHINFA-FDD03-15S4 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-15S4U CHINFA-FDD03-15S4U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-15S4U CHINFA-FDD03-15S4U Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
More results

Similar Description - FDD03-15S4A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIZI03 MINMAX-MIZI03 Datasheet
460Kb / 5P
   DC-DC CONVERTER 3W
logo
LinkCom Manufacturing C...
3W-DPHE LINKCOM-3W-DPHE Datasheet
454Kb / 3P
   3W DC - DC Converter
logo
Power Systems GmbH+Co.K...
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
logo
Bothhand USA, LP.
BC-LF-SERIES BOTHHAND-BC-LF-SERIES Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Bothhand USA, LP.
B5LF BOTHHAND-B5LF Datasheet
188Kb / 2P
   1.5~3W Isolated DC/DC Converter
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
logo
Minmax Technology Co., ...
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com