Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5D5 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # M5D5
Description  SILICON GENERAL PURPOSE 5.0 AMP DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

M5D5 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  M5D5 Datasheet HTML 1Page - Edal Industries, Inc. M5D5 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EDAL
SERIES M5/B823
SILICON GENERAL PURPOSE 5.0 AMP DIODES
Io
5 Amp
@
50
C
Is
300
AMPS
Vf
1.0 max.
v @
5.0 amp
@
25
C
Ir
20 uA max.
@
PIV
@
25
C
STYLE
DO – 27A, DO-201AD Plastic
PIV (VOLTS)
P/N
P/N
50
M5A5
B823-5
100
M5B5
B823-10
200
M5C5
B823-20
300
M5D5
400
M5E5
B823-40
500
M5F5
600
M5G5
B823-60
700
M5H5
800
M5K5
B823-80
1000
M5M5
B823-100
1200
M5N5
1500
M5P5
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St., East Haven, CT 06512
INCHES
MILLIMETER
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
0.052
1.02
1.30
B
0.19
0.21
4.80
5.30
C
0.285
0.375
7.20
9.50
D
1.00
25.4


Similar Part No. - M5D5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5D5 ETC1-M5D5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M5D5

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP600 DEC-GP600 Datasheet
400Kb / 2P
   6 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
BA5A5 EDAL-BA5A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 1.0 AMP DIODES
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391 Datasheet
277Kb / 2P
   1.5 AMP GENERAL PURPOSE SILICON DIODES
1N5400 DEC-1N5400 Datasheet
291Kb / 2P
   3 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
B8A5 EDAL-B8A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 2.0 AMP DIODES
M7A5 EDAL-M7A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 6.0 AMP DIODES
logo
DIOTEC Electronics Corp...
1N4001 DEC-1N4001 Datasheet
323Kb / 2P
   1 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
MA4A5 EDAL-MA4A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
MR5A5 EDAL-MR5A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 5.0 AMP DIODES
logo
Compensated Deuices Inc...
1N5194UR CDI-DIODE-1N5194UR Datasheet
33Kb / 2P
   GENERAL PURPOSE SILICON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com