Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD15-0512T2 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # FDD15-0512T2
Description  DC - DC CONVERTER 10 ~ 15W TRIPLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD15-0512T2 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD15-0512T2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD15-0512T2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD15-0512T2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.chinfa.com
sales@chinfa.com
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
50.8 x 50.8 x 11.9 mm 2 x 2 x 0.47 inches
Metal
70 g
PIN ASSIGNMENT
PIN NO.
TRIPLE
Vi+
Vo2
(+ OUT)
Vi -
DERATING
1
2
4
5
6
7
8
GENERAL
ON / OFF
Vo1
(+ 5V)
com
Vo3
(- OUT)
FDD15 SERIES
TRIPLE OUTPUT
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
50
95
-10
mm [inch]
50.80 [2.00]
11.94 [0.47]
DIA 1.00 [0.04]
5.08 [0.20]
2.54 [0.10]
BOTTOM VIEW
4
5
1
2
50.80 [2.00]
22.86 [0.90]
5.08 [0.20]
6
7
8
10.16 [0.40]
45.72 [1.80]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
2.54 [0.10]
2007.08.30


Similar Part No. - FDD15-0512T2

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD15-05S1 CHINFA-FDD15-05S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
FDD15-05S1 CHINFA-FDD15-05S1 Datasheet
344Kb / 8P
   DC - DC CONVERTER
FDD15-05S1 CHINFA-FDD15-05S1 Datasheet
291Kb / 8P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
FDD15-05S2 CHINFA-FDD15-05S2 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
FDD15-05S2 CHINFA-FDD15-05S2 Datasheet
344Kb / 8P
   DC - DC CONVERTER
More results

Similar Description - FDD15-0512T2

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
FDD15 CHINFA-FDD15_14 Datasheet
291Kb / 8P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
SD-15 MEANWELL-SD-15 Datasheet
507Kb / 2P
   15W Single Output DC-DC Converter
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com