Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDD05-03S3U Datasheet(PDF) 5 Page - Chinfa Electronics Ind. Co., Ltd.

Part # RDD05-03S3U
Description  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

RDD05-03S3U Datasheet(HTML) 5 Page - Chinfa Electronics Ind. Co., Ltd.

  RDD05-03S3U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. RDD05-03S3U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. RDD05-03S3U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. RDD05-03S3U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. RDD05-03S3U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. RDD05-03S3U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. RDD05-03S3U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. RDD05-03S3U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.chinfa.com
RDD05U SERIES
DC - DC CONVERTER
4 ~ 6W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
4:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
UL/cUL/TUV/CE
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
5 VDC
12 VDC
15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
RDD05 - 03S4U
RDD05 - 05S4U
RDD05 - 12S4U
RDD05 - 15S4U
RDD05 - 03S5U
RDD05 - 05S5U
RDD05 - 12S5U
RDD05 - 15S5U
9~36 VDC
9~36 VDC
9~36 VDC
9~36 VDC
18~75 VDC
18~75 VDC
18~75 VDC
18~75 VDC
4 WATTS
5 WATTS
6 WATTS
6 WATTS
4 WATTS
5 WATTS
6 WATTS
6 WATTS
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
1200 mA
1000 mA
500 mA
400 mA
1200 mA
1000 mA
500 mA
400 mA
RDD05 - 05D4U
RDD05 - 12D4U
RDD05 - 15D4U
RDD05 - 05D5U
RDD05 - 12D5U
RDD05 - 15D5U
9~36 VDC
9~36 VDC
9~36 VDC
18~75 VDC
18~75 VDC
18~75 VDC
5 WATTS
6 WATTS
6 WATTS
5 WATTS
6 WATTS
6 WATTS
5 VDC
12 VDC
15 VDC
500 mA
250 mA
200 mA
500 mA
250 mA
200 mA
sales@chinfa.com
EFF.
(min.)
75%
77%
80%
80%
75%
77%
80%
80%
77%
80%
80%
77%
80%
80%
EFF.
(TYP.)
77%
79%
82%
82%
77%
79%
82%
82%
79%
82%
82%
79%
82%
82%
Single Output Models
Dual Output Models
2007.05.11


Similar Part No. - RDD05-03S3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD05-03S3U CHINFA-RDD05-03S3U Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S3U CHINFA-RDD05-03S3U Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD05-03S3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com