Electronic Components Datasheet Search |
|
RDD08-15S3U Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd. |
|
RDD08-15S3U Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd. |
4 / 4 page Input reversed Shunt diode built in, external fuse recommended Output short circuit Continuous Rated over load protection 110%min....140%max Remote on/off control ON : 3....10Vdc or open circuit OFF: 0....1.5Vdc or short circuit pin1 and pin2,3 CONTROL AND PROTECTION sales@chinfa.com RDD08U SERIES SINGLE & DUAL OUTPUT PHYSICAL CHARACTERISTICS CASE SIZE CASE MATERIAL WEIGHT 20.3 x 31.8 x 10.2 mm 0.8 x 1.25 x 0.4 inches Tinplate nickel plated 16 g PIN ASSIGNMENT PIN NO. SINGLE DUAL 1 9 11 14 16 22 & 23 Remote On/Off N. C. Vo - Vo+ com DERATING NATURAL CONVECTION COOLING 0 100 o Ambient Temperature [ C ] 71 100 -40 Vo+ Vo - com Vi+ Vi+ www.chinfa.com GENERAL 2 & 3 Vi - Vi - Remote On/Off UL/cUL UL60950-1 TUV EN60950-1 CE EN61204-3(Class A for EMI) APPROVALS AND STANDARD MECHANISM & PIN CONFIGURATION mm [inch] 20.32 [0.80] 10.2 [0.4] DIA 0.50 [0.02] 5.08 [0.20] 14 23 22 2 3 9 11 16 BOTTOM VIEW 31.75 [1.25] 15.24 [0.60] 2.54 [0.10] 1 N. C. 2007.05.11 |
Similar Part No. - RDD08-15S3U |
|
Similar Description - RDD08-15S3U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |