Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDD20-03S1U Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WDD20-03S1U
Description  DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WDD20-03S1U Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  WDD20-03S1U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.chinfa.com
WDD20U SERIES
DC - DC CONVERTER
20W SINGLE & DUAL OUTPUT
FEATURES
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
+ 5 VDC
+ 12 VDC
+ 15 VDC
EFF.
(typ.)
Single Output Models
12 VDC
15 VDC
LOW COST
2:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
Dual Output Models
WDD20 - 05S2U
WDD20 - 12S2U
WDD20 - 15S2U
18~36 VDC
18~36 VDC
18~36 VDC
20 WATTS
20 WATTS
20 WATTS
4000 mA
1670 mA
1330 mA
87%
88%
89%
+3.3 VDC
WDD20 - 03S2U
18~36 VDC
20 WATTS
6000 mA
83%
81%
85%
86%
87%
WDD20 - 12D2U
WDD20 - 15D2U
18~36 VDC
18~36 VDC
20 WATTS
20 WATTS
830 mA
670 mA
88%
89%
86%
87%
sales@chinfa.com
+3.3 VDC
WDD20 - 03S1U
9~18 VDC
20 WATTS
6000 mA
82%
80%
WDD20 - 05S1U
9~18 VDC
20 WATTS
4000 mA
85%
83%
WDD20 - 12S1U
9~18 VDC
20 WATTS
1670 mA
86%
84%
WDD20 - 15S1U
9~18 VDC
20 WATTS
1330 mA
86%
84%
+3.3 VDC
WDD20 - 03S3U
35~75 VDC
20 WATTS
6000 mA
83%
81%
WDD20 - 05S3U
35~75 VDC
20 WATTS
4000 mA
87%
85%
WDD20 - 12S3U
35~75 VDC
20 WATTS
1670 mA
89%
87%
WDD20 - 15S3U
35~75 VDC
20 WATTS
1330 mA
89%
87%
+ 5 VDC
+ 12 VDC
+ 15 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
5 VDC
WDD20 - 05D2U
18~36 VDC
20 WATTS
2000 mA
86%
84%
12 VDC
15 VDC
WDD20 - 12D1U
WDD20 - 15D1U
9~18 VDC
9~18 VDC
20 WATTS
20 WATTS
830 mA
670 mA
87%
88%
85%
86%
5 VDC
WDD20 - 05D1U
9~18 VDC
20 WATTS
2000 mA
84%
82%
12 VDC
15 VDC
WDD20 - 12D3U
WDD20 - 15D3U
35~75 VDC
35~75 VDC
20 WATTS
20 WATTS
830 mA
670 mA
88%
89%
86%
87%
5 VDC
WDD20 - 05D3U
35~75 VDC
20 WATTS
2000 mA
86%
84%
2008.09.23


Similar Part No. - WDD20-03S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD20-03S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com