Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDD20-05D1U Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WDD20-05D1U
Description  DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WDD20-05D1U Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  WDD20-05D1U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WDD20-05D1U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WDD20-05D1U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WDD20-05D1U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. WDD20-05D1U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. WDD20-05D1U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. WDD20-05D1U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. WDD20-05D1U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PIN NO.
SINGLE
Vi+
Vi -
2
4
7
8
6
DUAL
Vi+
Vi -
S. D.
com
GENERAL
Trim
5
1
Vo +
NO PIN
Vo -
sales@chinfa.com
WDD20U SERIES
SINGLE & DUAL OUTPUT
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
40.6 x 50.8 x 10.2 mm 1.6 x 2 x 0.4 inches
Metal
60 g
PIN ASSIGNMENT
DERATING
mm [inch]
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Remote ON / OFF
ON: opened or 8 ~ 10VDC applied, reference to input GND
OFF: -0.3 ~ 2VDC applied, reference to input GND
CONTROL AND PROTECTION
50.80 [2.00]
10.16 [0.4]
DIA 1.00 [0.04]
5.00 [0.20]
BOTTOM VIEW
1
2
17.78 [0.70]
5.08 [0.20]
7.62 [0.30]
45.72 [1.80]
10.16 [0.40]
10.16 [0.40]
2.54 [0.10]
4
5
6
7
8
10.16 [0.40]
5.08 [0.20]
10.16 [0.40]
S. D.
Vo +
Vo -
Trim
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
60
100
-40
71
12V, 15V & dual
3.3V & 5V
S.D. : REMOTE ON / OFF
SPECIFICATION
www.chinfa.com
UL/cUL
UL60950-1
TUV
EN60950-1
CE
EN61204-3(Class A for EMI)
APPROVALS AND STANDARD
2008.09.23


Similar Part No. - WDD20-05D1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-05D1U CHINFA-WDD20-05D1U Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-05D1U CHINFA-WDD20-05D1U Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD20-05D1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com