Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L10.7MJA10C Datasheet(PDF) 1 Page - ECS, Inc.

Part # L10.7MJA10C
Description  CERAMIC FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

L10.7MJA10C Datasheet(HTML) 1 Page - ECS, Inc.

  L10.7MJA10C Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L10.7 SERIES
CERAMIC FILTER
The L10.7 Series ceramic filter is for FM use.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PART NUMBER *
PIN CONNECTIONS
3 dB
BANDWIDTH
(KHz) MIN.
20 dB
BANDWIDTH
(KHz) MAX.
INSERTION
LOSS
(dB) MAX.
SPURIOUS
(dB) MIN.
(9-12 MHz)
SPECIFICATION (Fo) MHz
INDICATOR
10.64
10.67
10.70
10.73
10.76
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS (Operating Temp -20 ~ +80°C)
L10.7 MA20
L10.7 MA5
L10.7 MA5A10
L10.7 MS2
L10.7 MS2A10
L10.7 MS3
L10.7 MS3A10
L10.7 MJ
L10.7 MJA10
L10.7 MHY
330 ±50
280 ±50
280 ±50
230 ±50
230 ±50
180 ±40
180 ±40
150 ±40
150 ±40
110 ±30
680
650
590
600
520
520
520
400
360
350
4 ±2
6 ±2
2.5 ±2
6 ±2
3 ±2
7 ±2
3 ±2
10 ±2
4.5 ±2
7 ±2
30
30
30
40
35
40
35
38
35
30
D
B
A
C
E
#1
#2
#3
In/Out
Out/In
Ground
PACKAGE DIMENSIONS (mm)
CENTER FREQUENCY INDICATORS
FM/Communication applications
RoHS Compliant (Note 7 exemption)
Input/Output impedance 330 Ohms, Fo tolerance ±30 KHz
= Indicator (Fo), Complete part number to include indicator i.e. L10.7MA5C (C=10.73 MHz)


Similar Part No. - L10.7MJA10C

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
L10.7MA5 EUROQUARTZ-L10.7MA5 Datasheet
45Kb / 1P
   CERAMIC FILTERS
L10.7MS2 EUROQUARTZ-L10.7MS2 Datasheet
45Kb / 1P
   CERAMIC FILTERS
More results

Similar Description - L10.7MJA10C

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com