Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2604RS29P8 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ACA2604RS29P8
Description  Fiber-to-the-Home RF Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2604RS29P8 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ACA2604RS29P8 Datasheet HTML 3Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 4Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 5Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 6Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 7Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 8Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 9Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 10Page - ANADIGICS, Inc ACA2604RS29P8 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet - Rev 2.1
11/2008
ACA2604
7
Performance data on this page measured using application circuit with input photodiode, as shown in Figure 15.
Table 5: Gain Flatness to Best Fit Line
(VAGC = +3.0 V)
The best fit line is calculated
using the least mean squares
method:
b
x
m
y
+
=
( )
( )
n
x
x
n
y
x
y
x
m
2
2
∑ ∑
=
n
x
m
n
y
b
=
Figure 6: Gain Flatness to Best Fit Line Over Temperature
(VCC = + 5 V, VAGC = +3.0 V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
+85C
+25C
-40C
Temperature
Temp (oC)
Tilt (dB)
Flatness (dB)
85
3.7
1.3
25
4.5
1.0
-40
5.1
0.9


Similar Part No. - ACA2604RS29P8

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2604RS29P8 SKYWORKS-ACA2604RS29P8 Datasheet
1Mb / 16P
   870 MHz FTTx RF Amplifier
More results

Similar Description - ACA2604RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2601 ANADIGICS-ACA2601 Datasheet
430Kb / 20P
   Fiber-to-the-Home RF Amplifier
logo
Qorvo, Inc
TAT6254C QORVO-TAT6254C Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
logo
TriQuint Semiconductor
TAT6254C TRIQUINT-TAT6254C_15 Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47 1000 MHz
TAT6254C TRIQUINT-TAT6254C Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
TAT6254B TRIQUINT-TAT6254B_15 Datasheet
499Kb / 7P
   Fiber To The Home RF Amplifier 47 1000 MHz
logo
NXP Semiconductors
CA2832C NXP-CA2832C Datasheet
256Kb / 4P
   The RF Line Wideband Linear Amplifier
logo
Motorola, Inc
MHW8205L MOTOROLA-MHW8205L Datasheet
108Kb / 4P
   The RF Line CATV Amplifier Module
logo
NXP Semiconductors
CA2810C NXP-CA2810C Datasheet
260Kb / 4P
   The RF Line Wideband Linear Amplifier
logo
Motorola, Inc
MHW812A3 MOTOROLA-MHW812A3 Datasheet
243Kb / 4P
   THE RF LINE UHF POWER AMPLIFIER
MHW1254LA MOTOROLA-MHW1254LA Datasheet
274Kb / 4P
   The RF Line CATV AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com