Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4421 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4421
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4421 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4421 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4421 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
[AK4421]
MS0945-E-01
2008/08
- 4 -
ABSOLUTE MAXIMUM RATINGS
(VSS1=VSS2=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supply
VDD
CVDD
-0.3
-0.3
+6.0
+6.0
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Input Voltage
VIND
-0.3
VDD+0.3
V
Ambient Operating Temperature
Ta
-20
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. All voltages with respect to ground.
Note 2. VSS1, VSS2 connect to the same analog grand.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS1=VSS2=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply
VDD
CVDD
+3.0
+3.3
VDD
+3.6
V
Note 3. CVDD should be equal to VDD
*AKEMD assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4421

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421AET AKM-AK4421AET Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4421

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com