Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7740ET Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK7740ET
Description  24bit 2ch ADC 24bit 4ch DAC with Audio DSP
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7740ET Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK7740ET Datasheet HTML 1Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 2Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK7740ET Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
[ASAHI KASEI]
[AK7740ET]
<Pre-E-01>
- 3 -
2006/10
AK7740 DSP Block diagram
CP0,CP1
CRAM
512 X 16
DP0,DP1
DRAM
256 X 24
MPX16
MPX24
X
Y
Multiply
16 X 24 -> 40
Micom I/F
Control
PRAM
512 X 32
PC
Stack : 1level
MUL
DBUS
SHIFT
A
B
ALU1
34bit
Overflow Margin: 4bit
DR0
∼ 3
Over Flow Data
Generator
Divider
24
÷ 24 →24
TMP 8 X 24bit
2 X 24 bit
2 X 24/20/16bit
2 X 24bit
2 X 24bit
Serial I/F
CBUS(16bit)
DBUS(24bit)
40bit
24bit
34bit
34bit
24bit
ADC
SDIN
DAC1
DAC2
2 X 24bit
SDOUT
DLRAM
6K X 12 or 3K X 24
4K X 12 & 1K X 24
DLP0,DLP1
PTMP 24bit X 6(LIFO)
CMP(Compress & Expand)
OFRAM
48 X 13


Similar Part No. - AK7740ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742EQ AKM-AK7742EQ Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
AK7746VT AKM-AK7746VT Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
More results

Similar Description - AK7740ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com