Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7742EQ Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK7742EQ
Description  24bit 2ch ADC 24bit 4ch DAC with Audio DSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7742EQ Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK7742EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
[AK7742]
Rev.0.5b_PB
2008/08
-
8 -
ADC Characteristics
(Ta=25ºC; AVDD=DVDD=3.3V; BICK=64fs; signal frequency 1kHz; Measurement bandwidth=20Hz~20kHz,
fs=48kHz, ADC differential input, CKM mode 0 (CKM[2:0]=000), unless otherwise specified)
Parameter
min
typ
max
Unit
Resolution
24
Bits
Dynamic characteristics
S/(N+D)
(-1dBFS)
(Note 4)
TDB
84
dB
Dynamic range (A-weighted)
(Note 4)
TDB
96
dB
S/N
(A-weighted)
(Note 4)
TDB
96
dB
Inter-channel isolation (f=1kHz) (Note 5)
90
105
dB
DC accuracy
Channel gain mismatch
0.1
0.3
dB
Analog input
Input voltage (differential input)
(Note 6)
±1.85
±2.00
±2.15
Vp-p
Input voltage (single-end input)
(Note 7)
1.85
2.00
2.15
Vp-p
Stereo
ADC
Input impedance
(Note 8)
41
62
kΩ
Note 4. This value is not guaranteed for single-ended inputs.
Note 5. Indicates isolation between L and R when -1dBFS signal is applied.
Note 6. Target input pins are AIN1LP, AIN1LN, AIN1RP, AIN1RN.
Note 7. Target input pins are AIN2L, AIN2R, AIN3L, AIN3R.
Note 8. Target input pins are AIN1LP, AIN1LN, AIN1RP, AIN1RN, AIN2L, AIN2R, AIN3L, AIN3R.
DAC Characteristics
(Ta=25ºC; AVDD=DVDD=3.3V; BICK=64fs; signal frequency 1kHz; Measurement bandwidth=20Hz~20kHz,
fs=48kHz, ADC differential input, CKM mode 0 (CKM[2:0]=000), unless otherwise specified)
Parameter
min
typ
max
Unit
Resolution
24
Bits
Dynamic characteristics
S/(N+D)
(0dBFS)
TBD
92
dB
Dynamic range (A-weighted)
TBD
106
dB
S/N
(A-weighted)
TBD
106
dB
Inter-channel isolation (f=1kHz)(Note 9)
90
105
dB
DC accuracy
Channel gain mismatch
0.2
0.5
dB
Analog output
Output voltage (Note 10)
3.36
3.66
3.96
Vp-p
Load resistance
5
kΩ
Stereo
DAC
Load capacitance
30
pF
Note 9. Indicates isolation between each DAC’s of Lch and Rch when -1dBFS signal is applied.
Note 10. Full scale output voltage. The output voltage scales with AVDD.
ANALOG CHARACTERISTICS


Similar Part No. - AK7742EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
AK7746VT AKM-AK7746VT Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
More results

Similar Description - AK7742EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com