Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7742EQ Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK7742EQ
Description  24bit 2ch ADC 24bit 4ch DAC with Audio DSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7742EQ Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK7742EQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
[AK7742]
Rev.0.5b_PB
2008/08
-
1 -
The AK7742 is a highly integrated audio digital processor, including two stereo 24bit DAC’s and one
stereo ADC with input selector. The stereo DAC and ADC feature high performance, archiving 106dB and
96dB dynamic range respectively, 8kHz to 96kHz sampling rate are supported. The audio DSP has
1536step/fs parallel processing power, and 74k-bit delay memory allows surround processing, acoustic
effect and parametric equalizers. As the AK7742 is a RAM based DSP, it is programmable for user
requirements. The AK7742 is available in a space saving small 48pin LQFP package.
DSP:
- Word length: 24bit (Data RAM 24bit floating point)
- Instruction cycle: 13.6 ns (1536step/fs fs=48kHz; 9216step/fs fs=8kHz)
- Multiplier 20 x 16 → 36bit (double precision available)
- Divider 20 / 20 → 20bit
- ALU: 40bit arithmetic operation (overflow margin 4bit) 24bit floating point arithmetic and
logic operation
- Program RAM: 1536 x 36bit
- Coefficient RAM: 1536 x 16bit
- Data RAM: 1536 x 24-bit (24bit floating point)
- Delay RAM: 74kbit (3072 x 24bit)
- Sampling frequency: 8kHz ~ 96kHz
- Master / Slave operation
- Serial signal input port (4ch) MSB justified 24bit / LSB justified 24 / 20 / 16bit and I2S
- Serial signal output port (6ch) MSB justified 24bit / LSB justified 24 / 16bit and I2S
ADC: 2ch (stereo)
- 24bit 64 x Over-sampling delta sigma (fs=8kHz~48kHz)
- DR, S/N: 96dB (fs=48kHz, fully differential input)
- S/(N+D): 84dB (fs=48kHz)
- Differential, Single-end Inputs
- Digital HPF (fc=1Hz)
- 3:1 Analog input selector
- Digital Volume (24dB~-103dB, 0.5dB Step, Mute)
DAC: 4ch (two stereo pairs)
- 24bit 128 x Over-sampling advanced multi-bit (fs=8kHz~96kHz)
- DR, S/N: 106dB
- S/(N+D): 92dB
- Differential output
- Digital Volume (24dB~-103dB, 0.5dB Step, Mute)
DSP Through Mode
I2C BUS interface for micro-controller
Power supply: +3.3V ±0.3V, internal regulator for 1.8V
Operating temperature range: -20°C~70°C
Package: 48pin LQFP (0.5mm pitch)
GENERAL DESCRIPTION
FEATURES
24bit 2ch ADC + 24bit 4ch DAC with Audio DSP
AK7742
= Preliminary =


Similar Part No. - AK7742EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
AK7746VT AKM-AK7746VT Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
More results

Similar Description - AK7742EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com