Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8133E Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK8133E
Description  Low Suprious Multiclock Generator for Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8133E Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK8133E Datasheet HTML 1Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 2Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 3Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 4Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 5Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 6Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 7Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 8Page - Asahi Kasei Microsystems AK8133E Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AK8133
MS0930-E-00
Mar-08
- 5 -
Output clock frequency selection
The AK8133 generates a range of low-jitter and high-accuracy clock frequencies with two built-in PLLs and
provides to up to four assigned outputs. A frequency selection at assigned output pin is configured by
pin-setting of S0 (Pin2), S1 (Pin3), S2(Pin4) and S3 (Pin14).
The selectable frequency is shown in Table 2 and Table2.
Selection Pin
Output Frequency(MHz)
S3(Pin14)
CLK1(Pin 7)
L
36.864
H
24.576
Table 1: CLK1 Clock output Frequency
Selection Pin
Clock Output Frequency (MHz)
Sampling
Frequency
(kHz)
S2
(Pin 4)
S1
(Pin 3)
S0
(Pin 2)
CLK2
256fs
(Pin 8)
CLK3
384fs
(Pin 10)
CLK4
(Pin 11)
48.0
L
L
L
12.288
18.432
33.8688
44.1
L
L
H
11.2896
16.9344
33.8688
32.0
L
H
L
8.192
12.288
33.8688
192.0
L
H
H
49.152
73.728
33.8688
88.2
H
L
L
22.5792
33.8688
33.8688
96.0
H
L
H
24.576
36.864
33.8688
64.0
H
H
L
16.384
24.576
33.8688
16.0/22.05
H
H
H
4.096
8.4672
16.9344
Table 2: CLK2-4 Clock output Frequency


Similar Part No. - AK8133E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8130 AKM-AK8130 Datasheet
114Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130AH AKM-AK8130AH Datasheet
176Kb / 8P
   Multi Clock Generator with VCXO
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
More results

Similar Description - AK8133E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8157A AKM-AK8157A Datasheet
516Kb / 26P
   Multiclock Generator for Premium Audio Device
AK8131S AKM-AK8131S Datasheet
117Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8137A AKM-AK8137A Datasheet
699Kb / 11P
   Low Power Multiclock Generator with XO
AK8130 AKM-AK8130 Datasheet
114Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8136A AKM-AK8136A Datasheet
602Kb / 18P
   Low Power Multiclock Generator with XO
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
[Old version datasheet]   3.3-V DUAL-PLL MULTICLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com