Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMTT62050 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GMTT62050
Description  DUAL SCR MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GMTT62050 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GMTT62050 Datasheet HTML 1Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GMTT62050
DUAL SCR MODULE
Insulated module
High current, high voltage applications
VOLTAGE UP TO
1600 V
AVERAGE OUTPUT CURRENT
500 A
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
1600
V
VRSM
Non-repetitive peak reverse voltage
1700
V
VDRM
Repetitive peak off-state voltage
1600
V
IRRM
Repetitive peak reverse current, max.
VR, single phase, half wave, Tj = Tjmax
100
mA
VINS
RMS insulation voltage
50Hz, 1s, shorted terminals to base
3000
V
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Tc = 85 °C
500
A
ITSM
Surge current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
15
kA
I²t
I² t for fusing coordination
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
1125
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
0.9
V
rT
Forward slope resistance
Tj = Tjmax
0.27
m
VTM
Forward voltage, max
Forward current IF = 1570 A, Tj = 25 °C
1.35
V
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
0.065
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
0.020
°C/W
Tjmax
Operating junction temperature
-40 / 125
°C
F
Mounting torque +/- 10%
Module to heatsink
7
N·m
Mass
1500
g
Ordering information
GMTT62050-xx
xx=VRRM/100
GMTT62050-xx-C
xx=VRRM/100
common cathode
GMTT62050-xx-A
xx=VRRM/100
common anode
Document GMTT62050T001
Value
+
+
_
_
_
+
+
_
dimensions mm
~
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Similar Part No. - GMTT62050

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GMTT62050 GPSEMI-GMTT62050_17 Datasheet
55Kb / 1P
   DUAL SCR MODULE
More results

Similar Description - GMTT62050

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GMTT62050 GPSEMI-GMTT62050_17 Datasheet
55Kb / 1P
   DUAL SCR MODULE
logo
Powerex Power Semicondu...
CD630815B POWEREX-CD630815B Datasheet
113Kb / 4P
   Dual SCR Isolated Module
PD431207 POWEREX-PD431207_12 Datasheet
373Kb / 5P
   Dual SCR Isolated Module
LD431843 POWEREX-LD431843 Datasheet
324Kb / 5P
   Dual SCR Isolated Module
CD631815C POWEREX-CD631815C Datasheet
486Kb / 4P
   Dual SCR Isolated Module
CD430890C POWEREX-CD430890C Datasheet
477Kb / 4P
   Dual SCR Isolated Module
PD432006 POWEREX-PD432006_12 Datasheet
374Kb / 5P
   Dual SCR Isolated Module
ND430821 POWEREX-ND430821_12 Datasheet
140Kb / 4P
   Dual SCR Isolated Module
ND430625 POWEREX-ND430625_12 Datasheet
144Kb / 5P
   Dual SCR Isolated Module
CD430890B POWEREX-CD430890B Datasheet
308Kb / 4P
   Dual SCR Isolated Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com